Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79R79 Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AM79R79
Description  Ringing Subscriber Line Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79R79 Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AM79R79 Datasheet HTML 2Page - Advanced Micro Devices AM79R79 Datasheet HTML 3Page - Advanced Micro Devices AM79R79 Datasheet HTML 4Page - Advanced Micro Devices AM79R79 Datasheet HTML 5Page - Advanced Micro Devices AM79R79 Datasheet HTML 6Page - Advanced Micro Devices AM79R79 Datasheet HTML 7Page - Advanced Micro Devices AM79R79 Datasheet HTML 8Page - Advanced Micro Devices AM79R79 Datasheet HTML 9Page - Advanced Micro Devices AM79R79 Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Am79R79 Data Sheet
ABSOLUTE MAXIMUM RATINGS
Storage temperature ......................... –55°C to +150°C
VCC with respect to AGND/DGND .......... 0.4 V to +7 V
VNEG with respect to AGND/DGND ...... 0.4 V to VBAT2
VBAT2 ....................................................VBAT1 to GND
VBAT1 with respect to AGND/DGND:
Continuous..................................... +0.4 V to –80 V
10 ms ............................................. +0.4 V to –85 V
BGND with respect to AGND/DGND........ +3 V to –3 V
A(TIP) or B(RING) to BGND:
Continuous ...............................VBAT1 –5 V to +1 V
10 ms (f = 0.1 Hz) ..................VBAT1 –10 V to +5 V
1 µs (f = 0.1 Hz) .....................VBAT1 –15 V to +8 V
250 ns (f = 0.1 Hz) ...............VBAT1 –20 V to +12 V
Current from A(TIP) or B(RING).....................±150 mA
RYOUT1, RYOUT2 current................................ 75 mA
RYOUT1, RYOUT2 voltage ..................... RYE to +7 V
RYOUT1, RYOUT2 transient ................. RYE to +10 V
RYE voltage ........................................ BGND to VBAT1
C3–C1, D2–D1, E1, B2EN, and RINGIN
Input voltage .........................–0.4 V to VCC + 0.4 V
Maximum power dissipation, continuous,
TA = 85°C, No heat sink (See note):
In 32-pin PLCC package.............................. 1.33 W
Thermal data:
................................................................ θJA
In 32-pin PLCC package....................... 45°C/W typ
Note: Thermal limiting circuitry on chip will shut down the
circuit at a junction temperature of about 165°C. The device
should never see this temperature and operation above 145°C
junction temperature may degrade device reliability. See the
SLIC Packaging Considerations for more information.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent device failure. Functionality at or above
these limits is not implied. Exposure to Absolute Maximum
Ratings for extended periods may affect device reliability.
OPERATING RANGES
Commercial (C) Devices
Ambient temperature ............................. 0°C to +70°C*
VCC ..................................................... 4.75 V to 5.25 V
VNEG ..................................................–4.75 V to VBAT2
VBAT1................................................. –40.5 V to –75 V
VBAT2....................................................–19 V to VBAT1
AGND/DGND.......................................................... 0 V
BGND with respect to
AGND/DGND ........................ –100 mV to +100 mV
Load resistance on VTX to ground .............. 20 k
Ω min
The Operating Ranges define those limits between which the
functionality of the device is guaranteed.
* Functionality of the device from 0°C to +70°C is guaranteed
by production testing. Performance from –40°C to +85°C is
guaranteed by characterization and periodic sampling of
production units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com