Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79R79 Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM79R79
Description  Ringing Subscriber Line Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79R79 Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AM79R79 Datasheet HTML 3Page - Advanced Micro Devices AM79R79 Datasheet HTML 4Page - Advanced Micro Devices AM79R79 Datasheet HTML 5Page - Advanced Micro Devices AM79R79 Datasheet HTML 6Page - Advanced Micro Devices AM79R79 Datasheet HTML 7Page - Advanced Micro Devices AM79R79 Datasheet HTML 8Page - Advanced Micro Devices AM79R79 Datasheet HTML 9Page - Advanced Micro Devices AM79R79 Datasheet HTML 10Page - Advanced Micro Devices AM79R79 Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SLIC Products
7
ELECTRICAL CHARACTERISTICS
Note:
* Performance Grade
Description
Test Conditions (See Note 1)
Min
Typ
Max
Unit
Note
Transmission Performance
2-wire return loss
200 Hz to 3.4 kHz (Test Circuit D)
26
dB
1, 4, 6
ZVTX, analog output impedance
3
20
Ω
4
VVTX, analog output offset voltage
0°C to +70°C
–35
+35
mV
–40°C to +85°C
–40
+40
4
ZRSN, analog input impedance
1
20
Ω
Overload level, 2-wire and 4-wire,
off hook
Active state
2.5
Vpk
2a
Overload level, 2-wire
On hook, RLAC = 600 Ω
0.88
Vrms
2b
THD (Total Harmonic Distortion)
+3 dBm, BAT2 = –24 V
–64
–50
dB
5
THD, on hook, OHT state
0 dBm, RLAC = 600 Ω
BAT1 = –75 V
–40
Longitudinal Performance (See Test Circuit C)
Longitudinal to metallic
200 Hz to 1 kHz
–1, –3*
52
dB
L-T, L-4 balance
normal polarity
–2, –4
63
reverse polarity
–2
54
normal polarity,
–40°C to +85°C
–2, –4
58
4
1 kHz to 3.4 kHz
–1, –3*
52
normal polarity
–2, –4
58
reverse polarity
–2
54
normal polarity,
–40°C to +85°C
–2, –4
54
4
Longitudinal signal generation 4-L
200 Hz to 800 Hz normal polarity
42
Longitudinal current per pin (A or B)
Active or OHT state
12
28
mArms
4
Longitudinal impedance at A or B
0 to 100 Hz, TA = +25°C
25
Ω/pin
Idle Channel Noise
C-message weighted noise
0°C to +70°C
+7
+11
dBrnC
–40°C to +85°C
+12
4
Psophometric weighted noise
0°C to +70°C
–83
–79
dBmp
–40°C to +85°C
–78
Insertion Loss and Four- to Four-Wire Balance Return Signal (See Test Circuits A and B)
Gain accuracy
4- to 2-wire
0 dBm, 1 kHz
–0.20
0
+0.20
dB
3
Gain accuracy
2- to 4-wire and
0 dBm, 1 kHz
–6.22
–6.02
–5.82
4- to 4-wire
Gain accuracy
4- to 2-wire
OHT state, on hook
–0.35
0
+0.35
Gain accuracy
2- to 4-wire and
4- to 4-wire
OHT state, on hook
–6.37
–6.02
–5.77
Gain accuracy over frequency
300 to 3400 Hz
0°C to +70°C
–0.10
+0.10
relative to 1 kHz
–40°C to +85°C
–0.15
+0.15
3, 4
Gain tracking
+3 dBm to –55 dBm 0°C to +70°C
–0.10
+0.10
relative to 0 dBm –40°C to +85°C
–0.15
+0.15
Gain tracking
0 dBm to –37 dBm
0°C to +70°C
–0.10
+0.10
OHT state, on hook
–40°C to +85°C
–0.15
+0.15
+3 dBm to 0 dBm
–0.35
+0.35
3
Group delay
0 dBm, 1 kHz
3
µs
1, 4, 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com