Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79R79 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM79R79
Description  Ringing Subscriber Line Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79R79 Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM79R79 Datasheet HTML 1Page - Advanced Micro Devices AM79R79 Datasheet HTML 2Page - Advanced Micro Devices AM79R79 Datasheet HTML 3Page - Advanced Micro Devices AM79R79 Datasheet HTML 4Page - Advanced Micro Devices AM79R79 Datasheet HTML 5Page - Advanced Micro Devices AM79R79 Datasheet HTML 6Page - Advanced Micro Devices AM79R79 Datasheet HTML 7Page - Advanced Micro Devices AM79R79 Datasheet HTML 8Page - Advanced Micro Devices AM79R79 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Publication# 19752
Rev: G Amendment: /0
Issue Date: October 1999
Am79R79
Ringing Subscriber Line Interface Circuit
DISTINCTIVE CHARACTERISTICS
I Ideal for short-loop applications
I Ideal for ISDN terminal adaptor and fixed radio
access applications
I On-chip ringing with on-chip ring-trip detector
I Low standby state power
I Battery operation:
—VBAT1: –40.5 V to –75 V
—VBAT2: –19 V to VBAT1
I On-chip battery switching and feed selection
I On-hook transmission
I Two-wire impedance set by single external
impedance
I Programmable constant-current feed
I Programmable Open Circuit voltage
I Programmable loop-detect threshold
I Current gain = 1000
I Ground-key detector
I Tip Open state for ground-start lines
I Polarity reversal option available
I Internal VEE regulator (no external –5 V power
supply required)
I Two on-chip relay drivers and snubber circuits
(32 PLCC)
BLOCK DIAGRAM
E1
D2
D1
Two-Wire
Interface
HPA
HPB
Input Decoder
and Control
Relay
Driver
Ring-Trip
Detector
Power-Feed
Controller
RTRIP1
RTRIP2
BGND
VCC VNEG
RD
RDC
AGND/DGND
VBAT2
A(TIP)
B(RING)
RYOUT1
RDCR
C1
Switch
Driver
VBAT1
RSGL
Ground-Key
Detector
Off-Hook
Detector
Relay
Driver
RYOUT2
C2
C3
RSGH
B2EN
RSN
VTX
Signal
Transmission
RINGIN
RYE
DET


Similar Part No. - AM79R79

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79R70 AMD-AM79R70 Datasheet
271Kb / 17P
Ringing Subscriber Line Interface Circuit
AM79R70 AMD-AM79R70 Datasheet
355Kb / 20P
Ringing Subscriber Line Interface Circuit
AM79R70-1JC AMD-AM79R70-1JC Datasheet
271Kb / 17P
Ringing Subscriber Line Interface Circuit
AM79R70-1JC AMD-AM79R70-1JC Datasheet
355Kb / 20P
Ringing Subscriber Line Interface Circuit
AM79R70-1SC AMD-AM79R70-1SC Datasheet
355Kb / 20P
Ringing Subscriber Line Interface Circuit
More results

Similar Description - AM79R79

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
SUBSCRIBER LINE INTERFACE CIRCUIT
Dec-1997
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
Subscriber Line Interface Circuit
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
Subscriber Line Interface Circuit
logo
Advanced Micro Devices
AM79R70 AMD-AM79R70 Datasheet
271Kb / 17P
Ringing Subscriber Line Interface Circuit
logo
Ericsson
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Advanced Micro Devices
AM79R70 AMD-AM79R70_1 Datasheet
355Kb / 20P
Ringing Subscriber Line Interface Circuit
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com