Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2641I Datasheet(PDF) 4 Page - Microchip Technology

Part # USB2641I
Description  Industrial Temperature USB 2.0 Flash Media Controller and USB Hub Combo
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2641I Datasheet(HTML) 4 Page - Microchip Technology

  USB2641I Datasheet HTML 1Page - Microchip Technology USB2641I Datasheet HTML 2Page - Microchip Technology USB2641I Datasheet HTML 3Page - Microchip Technology USB2641I Datasheet HTML 4Page - Microchip Technology USB2641I Datasheet HTML 5Page - Microchip Technology USB2641I Datasheet HTML 6Page - Microchip Technology USB2641I Datasheet HTML 7Page - Microchip Technology USB2641I Datasheet HTML 8Page - Microchip Technology USB2641I Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
USB2640i/USB2641i
DS00001948C-page 4
 2015-2021 Microchip Technology Inc.
1.0
OVERVIEW
The Microchip USB2640i/USB2641i is an integrated USB 2.0 compliant, Hi-Speed hub for USB port expansion with an
attached bulk only mass storage class peripheral controller. This multi-format flash media controller and USB Hub
Combo features three downstream ports: one port is dedicated to an internally connected ultra fast flash media
reader/writer and two exposed downstream ports are available for external peripheral expansion.
The Microchip USB2640i/USB2641i is an ultra fast, OEM-configurable, hub controller IC with three downstream ports
for embedded USB solutions. The USB2640i/USB2641i will attach to an upstream port as a Full-Speed Hub or as a Full-
/Hi-Speed Hub. The hub supports Low-Speed, Full-Speed, and Hi-Speed (if operating as a Hi-Speed Hub) downstream
devices on all of the enabled downstream ports.
All required resistors on the USB ports are integrated into the hub. This includes all series termination resistors on D+
and D– pins and all required pull-down and pull-up resistors on D+ and D– pins. The over-current sense inputs for the
downstream facing ports have internal pull-up resistors.
The USB2640i/USB2641i includes programmable features such as:
PortMap which provides flexible port mapping and disable sequences. The downstream ports of a USB2640i/USB2641i
hub can be reordered or disabled in any sequence to support multiple platform designs with minimum effort. For any
port that is disabled, the USB2640i/USB2641i automatically reorders the remaining ports to match the USB host con-
troller’s port numbering scheme.
PortSwap which adds per-port programmability to USB differential-pair pin locations. PortSwap allows direct alignment
of USB signals (D+/D-) to connectors avoiding uneven trace length or crossing of the USB differential signals on the
PCB.
PHYBoost which enables four programmable levels of USB signal drive strength in downstream port transceivers.
PHYBoost attempts to restore USB signal integrity that has been compromised by system level variables such as poor
PCB layout, long cables, etc.
1.1
Device Features
1.1.1
Hardware Features
• Single chip flash media controller
• The Microchip USB2640i/USB2641i supports the industrial temperature range of -40°C to 85°C
• Transaction translator (TT) in the hub supports operation of FS and LS peripherals
• Full power management with individual or ganged power control of each downstream port
• Optional support for external firmware access via SPI interface
- 30 MHz or 60 MHz operation support
- Single bit or dual bit mode support
- Mode 0 or mode 3 SPI support
Compliant with the following flash media card specifications:
• Secure Digital 2.0 / MultiMediaCard 4.2
- SD 2.0, HS-SD, HC-SD
- TransFlash™ and reduced form factor media
- 1/4/8 bit MMC 4.2
• MMC streaming mode support
• Memory Stick 1.43
• Memory Stick Pro Format 1.02
• Memory Stick Pro-HG Duo Format 1.01
- Memory Stick, MS Duo, HS-MS, MS Pro-HG, MS Pro
• Memory Stick Duo 1.10
• xD-Picture Card 1.2 (USB2640I only)
• On board 24 MHz crystal driver circuit
• Optional external 24 MHz clock input
- Must be used with an external resistor divider to provide a 1.8 V signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com