Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2641I Datasheet(PDF) 13 Page - Microchip Technology

Part # USB2641I
Description  Industrial Temperature USB 2.0 Flash Media Controller and USB Hub Combo
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2641I Datasheet(HTML) 13 Page - Microchip Technology

Back Button USB2641I Datasheet HTML 9Page - Microchip Technology USB2641I Datasheet HTML 10Page - Microchip Technology USB2641I Datasheet HTML 11Page - Microchip Technology USB2641I Datasheet HTML 12Page - Microchip Technology USB2641I Datasheet HTML 13Page - Microchip Technology USB2641I Datasheet HTML 14Page - Microchip Technology USB2641I Datasheet HTML 15Page - Microchip Technology USB2641I Datasheet HTML 16Page - Microchip Technology USB2641I Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
 2015-2021 Microchip Technology Inc.
DS00001948C-page 13
USB2640i/USB2641i
6.0
PIN DESCRIPTIONS
This section provides a detailed description of each signal. The signals are arranged in functional groups according to
their associated interface. The pin descriptions below are applied when using the internal default firmware and can be
referenced in Section 7.0, "Configuration Options," on page 22. Please reference Section 2.0, "Acronyms" for a list of
the acronyms used.
The “n” symbol in the signal name indicates that the active, or asserted, state occurs when the signal is at a low voltage
level. When “n” is not present in the signal name, the signal is asserted at a high voltage level.
The terms assertion and negation are used exclusively. This is done to avoid confusion when working with a mixture of
“active low” and “active high” signals. The term assert, or assertion, indicates that a signal is active, independent of
whether that level is represented by a high or low voltage. The term negate, or negation, indicates that a signal is inac-
tive.
6.1
USB2640i/USB2641i Pin Descriptions
TABLE 6-1:
USB2640I/USB2641I PIN DESCRIPTIONS
Symbol
48-Pin
QFN
Buffer Type
(Table 6-2)
Description
xD-PICTURE CARD INTERFACE (APPLIES ONLY TO USB2640I)
xD_D[7:0]
30
32
33
13
17
18
19
20
I/O12PU
xD-Picture Card Data 7-0
These pins are the bi-directional data signal xD_D7 - xD_D0 and have
weak internal pull-up resistors.
xD_ALE
23
O12PD
xD-Picture Card Address Strobe
This pin is an active high Address Latch Enable signal for the xD-
Picture Card device. This pin has a weak pull-down resistor that is
permanently enabled.
xD_nB/R
28
IPU
xD Busy or Data Ready
This pin is connected to the BSY/RDY pin of the xD-Picture Card
device.
When using the internal FET, this pin has an internal weak pull-up
resistor that is tied to the output of the internal power FET.
If an external FET is used (the internal FET is disabled), then the
internal pull-up is not available (an external pull-up is required).
xD_nCE
26
O12PU
xD Chip Enable
This pin is an active low chip enable signal for the xD-Picture Card
device.
When using the internal FET, this pin has an internal weak pull-up
resistor that is tied to the output of the internal power FET.
If an external FET is used (the internal FET is disabled), then the
internal pull-up is not available (an external pull-up is required).
xD_CLE
24
O12PD
xD-Picture Card Command Strobe
This pin is an active high Command Latch Enable signal for the xD-
Picture Card device. This pin has a weak pull-down resistor that is
permanently enabled.
xD_nCD
29
I/O12
xD Card Detection
Designates as the xD-Picture Card detection pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com