Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2641I Datasheet(PDF) 14 Page - Microchip Technology

Part # USB2641I
Description  Industrial Temperature USB 2.0 Flash Media Controller and USB Hub Combo
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2641I Datasheet(HTML) 14 Page - Microchip Technology

Back Button USB2641I Datasheet HTML 10Page - Microchip Technology USB2641I Datasheet HTML 11Page - Microchip Technology USB2641I Datasheet HTML 12Page - Microchip Technology USB2641I Datasheet HTML 13Page - Microchip Technology USB2641I Datasheet HTML 14Page - Microchip Technology USB2641I Datasheet HTML 15Page - Microchip Technology USB2641I Datasheet HTML 16Page - Microchip Technology USB2641I Datasheet HTML 17Page - Microchip Technology USB2641I Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
USB2640i/USB2641i
DS00001948C-page 14
 2015-2021 Microchip Technology Inc.
xD_nRE
27
O12PU
xD Read Enable
This pin is an active low read strobe signal for the xD-Picture Card
device.
When using the internal FET, this pin has an internal weak pull-up
resistor that is tied to the output of the internal power FET.
If an external FET is used (the internal FET is disabled), then the
internal pull-up is not available (an external pull-up is required).
xD_nWE
22
O12PU
xD Write Enable
This pin is an active low write strobe signal for the xD-Picture Card
device.
When using the internal FET, this pin has an internal weak pull-up
resistor that is tied to the output of the internal power FET.
If an external FET is used (the internal FET is disabled), then the
internal pull-up is not available (an external pull-up is required).
xD_nWP
21
O12PD
xD-Picture Card Write Protect
This pin is an active low write protect signal for the xD-Picture Card
device. This pin has a weak pull-down resistor that is permanently
enabled.
MEMORY STICK INTERFACE
MS_BS
21
O12
Memory Stick Bus State
This pin is connected to the bus state pin of the MS device. It is used
to control the Bus States 0, 1, 2, and 3 (BS0, BS1, and BS3) of the MS
device.
MS_INS
31
I/O12
IPU
Memory Stick Card Insertion
Designates as the Memory Stick card detection pin and has an internal
weak pull-up resistor.
MS_SCLK
13
O12
Memory Stick System Clock
This pin is an output clock signal to the MS device.
MS_D[7:0]
20
19
17
18
32
30
23
24
I/O12PD
Memory Stick System Data In/Out
These pins are the bi-directional data signals for the MS device. In
serial mode, the most significant bit (MSB) of each byte is transmitted
first by either MSC or MS device on MS_D0.
MS_D0, MS_D2, and MS_D3 have weak pull-down resistors. MS_D1
has a pull down resistor if in parallel mode, otherwise it is disabled. In
4- or 8-bit parallel modes, all MS_D7 - MS_D0 signals have weak pull-
down resistors.
SECURE DIGITAL / MULTIMEDIACARD INTERFACE
SD_D[7:0]
19
20
23
30
32
33
17
18
I/O12PU
Secure Digital Data 7-0
These are the bi-directional data signals SD_D0-SD_D7 and have
weak pull-up resistors.
TABLE 6-1:
USB2640I/USB2641I PIN DESCRIPTIONS (CONTINUED)
Symbol
48-Pin
QFN
Buffer Type
(Table 6-2)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com