Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTY18AM Datasheet(PDF) 2 Page - STMicroelectronics

Part # SMTY18AM
Description  LOW FORWARD VOLTAGE TVS: Transky
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMTY18AM Datasheet(HTML) 2 Page - STMicroelectronics

  SMTY18AM Datasheet HTML 1Page - STMicroelectronics SMTY18AM Datasheet HTML 2Page - STMicroelectronics SMTY18AM Datasheet HTML 3Page - STMicroelectronics SMTY18AM Datasheet HTML 4Page - STMicroelectronics SMTY18AM Datasheet HTML 5Page - STMicroelectronics SMTY18AM Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SMTY18AM
2/6
Table 3: Thermal Resistances
Table 4: Static Electrical Characteristics
(Tamb = 25°C)
Note 2: Tamb = 85°C
Note 3: 8/20µs pulse waveform
Note 4: Pulse test tp = 500µs, d< 2%
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient on PCB with recommended pad layout
250
°C/W
Symbol
Parameter
VBR
Breakdown voltage
IRM
Leakage current @ VRM
VRM
Stand-off voltage
VCL
Clamping voltage
Rd
Dynamic impedance
IPP
Peak pulse current
C
Capacitance
IRM max @ VRM
Note 2
VCL max @ IPP
Note 3
VF max @ 0.85A
Note 4
αT max
C typ @ 0V
mA
V
V
A
V
10-4/°C
pF
4
16
20
1
0.48
8.8
500
I
I
F
V
F
V
CL VBR VRM
I
PP
I
RM
V
I
R



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com