Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTY18AM Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMTY18AM
Description  LOW FORWARD VOLTAGE TVS: Transky
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMTY18AM Datasheet(HTML) 1 Page - STMicroelectronics

  SMTY18AM Datasheet HTML 1Page - STMicroelectronics SMTY18AM Datasheet HTML 2Page - STMicroelectronics SMTY18AM Datasheet HTML 3Page - STMicroelectronics SMTY18AM Datasheet HTML 4Page - STMicroelectronics SMTY18AM Datasheet HTML 5Page - STMicroelectronics SMTY18AM Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
®
1/6
SMTY18AM
LOW FORWARD VOLTAGE TVS: Transky™
REV. 2
Table 2: Absolute Ratings (limiting values)
Note 1: 8/20µs pulse waveform
Symbol
Parameter
Value
Unit
VPP
IEC 61000-4-2 standard
Air discharge
Contact discharge
15
8
kV
PPP
Peak pulse power dissipation (see note 1)
Tj initial = Tamb
400
W
IFSM
Non repetitive surge peak forward current
Tp = 10 ms
Tj = initial = Tamb
25
A
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature
150
°C
K
A
September 2004
FEATURES AND BENEFITS
■ High peak pulse power: 400W (8/20µs)
■ Stand-off voltage 16V
■ Low forward voltage: 0.48V @ 0.85A @ 25°C
■ Low clamping factor VCL/VBR
■ Fast response time
■ Very thin package (1.0mm overall component
height)
DESCRIPTION
The Transky™ is designed specifically for portable
equipments and miniaturized electronics devices
subject to ESD transient overvoltages.
The Transky™ combines the performance of a
Transil™ or TVS (Tansient Voltage Supressor)
and low forward voltage Schottky diode in a
monolithic structure.
COMPLIES WITH FOLLOWING STANDARDS
IEC 61000-4-2 Level 4:
15kV (Air discharge)
8kV
(Contact discharge)
MIL Standard 883E-Method 3015-7: class 3C
Human Body Model (HBM)
Table 1: Order Code
Part Number
Marking
SMTY18AM
Y18
K
A
STmite
(DO-216AA)


Similar Part No. - SMTY18AM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMTY12A STMICROELECTRONICS-SMTY12A Datasheet
123Kb / 7P
Low forward voltage TVS: Transky?
24-Apr-2006
More results

Similar Description - SMTY18AM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMTYXXA STMICROELECTRONICS-SMTYXXA Datasheet
123Kb / 7P
Low forward voltage TVS: Transky?
24-Apr-2006
logo
Bruckewell Technology L...
SOTY12D BWTECH-SOTY12D Datasheet
1Mb / 5P
Ultra Low forward voltage TVS
SOTYXXD BWTECH-SOTYXXD Datasheet
543Kb / 4P
Ultra Low forward voltage TVS
logo
Mospec Semiconductor
S08A150 MOSPEC-S08A150 Datasheet
186Kb / 2P
Low Forward Voltage
SR220 MOSPEC-SR220 Datasheet
174Kb / 2P
Low Forward Voltage
logo
Everlight Electronics C...
HIR89-01C-1R EVERLIGHT-HIR89-01C-1R_15 Datasheet
352Kb / 9P
Low forward voltage
logo
Nanjing International G...
BAT54W1 DGNJDZ-BAT54W1 Datasheet
105Kb / 3P
Low forward voltage
logo
Sangdest Microelectroni...
SK32AF SMC-SK32AF Datasheet
196Kb / 5P
Low Forward Voltage
logo
STMicroelectronics
SMTYF STMICROELECTRONICS-SMTYF Datasheet
95Kb / 8P
Low forward voltage TVS Transky?
04-Sep-2008
logo
SHIKUES Electronics
1SS387 SKTECHNOLGY-1SS387 Datasheet
1Mb / 3P
Low forward voltage
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com