Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTY18AM Datasheet(PDF) 3 Page - STMicroelectronics

Part # SMTY18AM
Description  LOW FORWARD VOLTAGE TVS: Transky
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMTY18AM Datasheet(HTML) 3 Page - STMicroelectronics

  SMTY18AM Datasheet HTML 1Page - STMicroelectronics SMTY18AM Datasheet HTML 2Page - STMicroelectronics SMTY18AM Datasheet HTML 3Page - STMicroelectronics SMTY18AM Datasheet HTML 4Page - STMicroelectronics SMTY18AM Datasheet HTML 5Page - STMicroelectronics SMTY18AM Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SMTY18AM
3/6
Figure 1: Peak pulse power versus exponential
pulse duration
Figure 2: Relative variation of peak pulse
power versus initial junction temperature
Figure 3: Average power dissipation versus
ambient temperature
Figure 4: Variation of thermal impedance
junction to ambient versus pulse duration
(Epoxy FR4, ecu=35µm)
Figure 5: Thermal resistance junction to
ambient versus copper surface under tab
Figure 6: Reverse leakage current versus
junction temperature (typical values)
10
100
1000
0.01
0.10
1.00
10.00
tp(ms)
T
j initial = 25°C
P(W)
PP
0
10
20
30
40
50
60
70
80
90
100
110
0
25
50
75
100
125
150
175
Tj(°C)
%
0.0
0.1
0.2
0.3
0.4
0.5
0
25
50
75
100
125
150
Tamb(°C)
Printed circuit board FR4 (e
CU=35µm)
µ,
recommended pad layout
P(W)
0.1
1.0
10.0
100.0
1000.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
tp(s)
S
CU=0.135cm²
²
S
CU=2cm²
²
Zth(j-a)(°C/W)
0
50
100
150
200
250
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
SCU(cm²)
Rth(j-a)(°C/W)
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
0
25
50
75
100
125
150
Tj(°C)
V
R=VRM
I (µA)
R



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com