Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CL79 Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 2CL79
Description  The present specifications shall apply to plastic sealed high voltage Diode 2CL79
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

2CL79 Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  2CL79 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 2CL79 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 2CL79 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 2CL79 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 2CL79 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd 2CL79 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd 2CL79 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd 2CL79 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5.
电特性(除非另有规定,Tamb=25oC)
Electrical Characteristics(Tamb=25 oC,unless otherwise specified)
序号
NO.
项 目
Item
符 号
Symbol
单 位
Unit
数 值
Rating
测 试 条 件
Test conditions
1
正向压降 Forward Voltage Drop
VFM
V
60max
IFM=10mA
2
常温反向漏电流
Normal Temperature Reverse Current
IRM1
μA
2max
VRM=25KV
3
高温反向漏电流
High Temperature Reverse Current
IRM2
μA
5max
Tamb=100oC VRM=25KV
4
结电容
Junction Capacitance
Cj
pF
1max
1MHZ,VB=0V
5
反向恢复时间
Reverse Recovery Time
trr
μS
0.1 max
IF=2mA,IRM=4 mA
脉冲前沿小于 0.01μS
Fore edge of pulse less
than 0.01μs
6.
物理特性
Mechanical Characteristics
6.1
重量:约 0.35 g
Weight Ca. 0.35 gr.
6.2
耐震性:5G
Vibration proof 5G
7
测试和检验
Test and Inspection
除非另有说明,所有的测试在环境温度(5-35)℃,相对湿度(40-85)%的环境中进行。
Unless otherwise specified for the individual test, all tests shall be conducted at an ambient temperature of
(5-35)℃ and R.H. (40-85)%.
7.1 引线断裂试验:引线末端加力 0.5kg,在距管体 6mm 固定住并转 900,然后朝反向转 1800,然后恢复
原样,引线不松驰,不折断。
Lead bend test : With a 0.5kg weight attached to the end of the lead ,the same lead shall be clamped 6mm
from the rectifier body and clamp turned 90 degrees ,then 180 degrees in the opposite direction ,then returned to
the original position .The leads shall sustain this cycle without loosing and breaking.
7.2 正向压降试验:采用图 1 电路,IF=10mA,正向压降不得超过 75.2V。
Forward voltage drop test: Measured in Fig. 1 circuit at IF= 10mA,forward voltage drop (VF)shall not exceed
69V.
7.3 反向电流试验:采用图 2 电路,VR=24KV 单向正弦半波 50HZ,反向电流不得超过 2μA(25℃时)。
Reverse current test : Measured in Fig. 2 circuit at VR =24KV at the half sine wave of 50HZ,reverse current
shall not exceed 2μA at 25℃.
2CL79
Rev 2.0 :
www.leiditech.com
12.01.2019
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com