Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CL79 Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 2CL79
Description  The present specifications shall apply to plastic sealed high voltage Diode 2CL79
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

2CL79 Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  2CL79 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 2CL79 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 2CL79 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 2CL79 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 2CL79 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd 2CL79 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd 2CL79 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd 2CL79 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
7.4 反向恢复时间:采用插图 3 电路,IF= 2mA,IRM=4 mA,脉冲前沿小于 0.01μS。反向恢复时间小于 0.1μS
Reverse recovery time : Measured in Fig. 3 circuit at IF=2mA, IRM=4 mA ,Fore edge of pulse less than 0.01
μs .Reverse recovery time shall not exceed 0.1μS.
7.5 温度变化继之以变湿热试验:整流管必须经过 5 个周期温度和 2 个周期交变湿热循环,[-40℃(30
分钟)→室温(3 分钟)→+130℃(30 分钟)→室温(3 分钟)] ×5,[25℃↗55℃,相对湿度:98%,(3
小时)→55℃,相对湿度:98%↘93%,(10 分钟)→55℃,相对湿度::93%,(8 小时 40 分钟)→55℃,相
对湿度:93%↗98%,(10 分钟)→55℃↘25℃,,相对湿度:98%,(3 小时)→25℃,,相对湿度:98%(9 小时)]
×2,整流管须符合 7.2-7.3 要求。
Temperature Change go on Damp Heat Cyclic Test :The rectifier shall be subjected to 5 temperature cycles
and 2 damp heat cyclic cycles , [-40℃(30min)→R.T.(3min)→+130℃(30min)→R.T.(3min)] ×5,[25℃↗
55 ℃ ,98%R.H,(3h) → 55 ℃ ,98%R.H ↘ 93%R.H, (10min) → 55 ℃ ,93%R.H,(8h 40min) → 55 ℃ ,93%R.H ↗
98%R.H,(10min)→55℃↘25℃98%R.H,(3h)→25℃, 98%R.H,(9h)] ×2 ,the rectifier shall satisfy item 7.2 to
7.3.
7.6 贮存试验:整流管在环境温度为 120℃时放置 1000 小时,室温下稳定 1 小时,整流管须符合 7.2-7.3 要求。
Storage test : The rectifier shall be left in an ambient temperature of 120℃ for 1000 hours. Stabilized to
room temperature for 1 hour, the rectifier shall satisfy item 7.2 to 7.3.
7.7 耐焊接热试验:将整流器的引线浸入熔融焊料中 5 秒钟,焊料温度 350±10℃,浸至距管体 10mm 外。
室温中稳定一小时后,整流器应符合 7.2-7.3 要求。
Soldering heat test : The leads of the rectifier shall be immersed for 5 sec. in molten solder, at a temperature
of 350±10℃,to a point 10mm from the body. Stabilized to room temperature for 1 hour, the rectifier shall
satisfy item 7.2 to 7.3 .
7.8 易焊性试验:将元件引线浸入温度为 235±5℃的熔融焊料槽中,焊料表面应保持清洁,试验后,引线
表面的 90%以上应覆盖焊料。
Solderability test : The surface of the solder bath shall be kept clean. The component termination shall be
immersed into the bath of molten solder at 235±5℃. After the test, more than 90% of the surface must be
covered with the solder.
7.9 高温反偏试验: 整流器在环境温度为 100℃时,施加 VRM=VRRM,f=50HZ 正弦半波电压 1000 小时,。
整流器应符合 7.2-7.3 要求。
High Temperature Reverse Voltage Test: The rectifier shall be threw Half sinewave voltage
(VRM=VRRM )with f=50HZ for 1000 hours in an ambient temperature of 100 ℃. The rectifier shall satisfy item
7.2 to 7.3 .
7.10 高压蒸气试验: 整流器在 121℃,2×105pa 条件下放置 10 小时后,整流器应符合 7.2-7.3 要求。
High-pressure smoke Test: The rectifier shall be placed in 121℃,2×105pa for 10 hours, the rectifier shall
satisfy item 7.2to 7.3 .
7.11 间隙通电试验: 将整流器施加 IF= 30mA,VR=0 的正向脉冲电流,通电 3 分钟,断电 3 分钟,持续 500 小时,
最后测试应符合 7.2-7.3 要求。
2CL79
Rev 2.0 :
www.leiditech.com
12.01.2019
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com