Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CL79 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 2CL79
Description  The present specifications shall apply to plastic sealed high voltage Diode 2CL79
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

2CL79 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  2CL79 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 2CL79 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 2CL79 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 2CL79 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 2CL79 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd 2CL79 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd 2CL79 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd 2CL79 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 .适用范围
Scope
本规格书适用于 2CL79 型塑封高压硅堆
The present specifications shall apply to plastic sealed high voltage Diode 2CL79
2 .概要
General
2.1 类型
Type
硅整流二极管
Silicon Rectification Diode
2.2
主要用途
Application
适用于电视接收机及其它电子设备中作高压整流用
For high voltage rectification for TV and other electronic products
3. 外观、外形尺寸、标识、结构
Appearance ,Dimensions, Marking and Structure
3.1 外观
Appearance
管体洁净,无任何沾污、锈迹或开裂
The body shall be clean and shall not bear any stain ,rust or flaw.
管体呈黑色。
The color of the case will be black.
3.2
外形尺寸、标识:参见 9.1
Dimensions refer to 9.1
3.3 结构和部件材料:参见 9.2
Structure and Component materials to 9.2
2CL79
Rev 2.0 :
www.leiditech.com
12.01.2019
1/8


Similar Part No. - 2CL79

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL79 GETEDZ-2CL79 Datasheet
101Kb / 1P
25kV 5mA HIGH VOLTAGE DIODES
logo
SUNMATE electronic Co.,...
2CL79 SUNMATE-2CL79 Datasheet
213Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
logo
GETAI ELECTRONICS DEVIC...
2CL79 GETEDZ-2CL79 Datasheet
637Kb / 2P
High Voltage Silicon Rectifier Dio
2CL79 GETEDZ-2CL79_16 Datasheet
136Kb / 1P
5mA 30kV 100nS-HIGH VOLTAGE DIODES
2CL79 GETEDZ-2CL79_17 Datasheet
637Kb / 2P
High Voltage Silicon Rectifier Dio
More results

Similar Description - 2CL79

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1755 STMICROELECTRONICS-AN1755 Datasheet
84Kb / 7P
The goal of this application note is to present
Rev. 1.0
logo
Sanken electric
SFA0001 SANKEN-SFA0001 Datasheet
1Mb / 12P
The present specifications shall apply to switching power supply IC SFA0001-VF-RP
SJPA-D3VL SANKEN-SJPA-D3VL Datasheet
128Kb / 5P
The present specifications shall apply to an SJPA-D3.
SJPA-L3VR SANKEN-SJPA-L3VR Datasheet
272Kb / 5P
The present specifications shall apply to an SJPA-L3.
SJPE-H4VR SANKEN-SJPE-H4VR Datasheet
196Kb / 5P
The present specifications shall apply to an SJPE-H4.
SJPL-H6VL SANKEN-SJPL-H6VL Datasheet
144Kb / 4P
The present specifications shall apply to an SJPL-H6.
logo
CITIZEN ELECTRONICS CO....
CL-773F-CW18C4-SDW-T CITIZEN-CL-773F-CW18C4-SDW-T Datasheet
290Kb / 10P
These specifications apply to chip type LED lamp
CL-773F-CW18K2-SDW-T CITIZEN-CL-773F-CW18K2-SDW-T Datasheet
281Kb / 10P
These specifications apply to chip type LED lamp
CL-776A3-CW04C4-SDW-T CITIZEN-CL-776A3-CW04C4-SDW-T Datasheet
253Kb / 10P
These specifications apply to chip type LED lamp
CL-776A3-CW04K2-SDW-T CITIZEN-CL-776A3-CW04K2-SDW-T Datasheet
256Kb / 10P
These specifications apply to chip type LED lamp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com