Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2D8P02 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM2D8P02
Description  P-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM2D8P02 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM2D8P02 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2D8P02 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2D8P02 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2D8P02 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2D8P02 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2D8P02 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5. ELECTRICAL CHARACTERISTICS
Min
2. Pulse Test: pulse width ≤ 300 µs, duty cycle ≤ 2%
3. Switching characteristics are independent of operating junction temperatures
NMOSFET
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 µA
V
VGS = -4.5 V, VDD = -15 V;
ID = -4A, RG = 1Ω
ns
mV/°C
µA
µA
mΩ
-1
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±5 V
±5
Gate Threshold Voltage (Note2)
VGS(TH)
VGS = V DS , ID = 250 µA
Parameter
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS
/TJ
10
Zero Gate Voltage Drain Curren
Symbol
Test Condition
Typ
Max
Unit
-1
IDSS
VGS = 0 V,
VDS = -20 V
TJ = 25°C
V
Negative Threshold Temperature
Coefficient (Note2)
VGS(TH)
/TJ
3.0
mV/°C
Drain−to−Source On Resistance (Note2)
RDS(on)
Forward Transconductance (Note2)
gFS
VDS = -5 V, ID = -3A
40
S
Input Capacitance
CISS
VGS = 0 V, f = 1 MHz,
VDS = -15 V
2240
pF
Output Capacitance
COSS
240
Reverse Transfer Capacitance
CRSS
210
Total Gate Charge
QG(TOT)
VGS = -4.5 V, VDS = -15 V;
ID = -4A
28
nC
Threshold Gate Charge
QG(TH)
1.0
Gate−to−Source Charge
QGS
2.9
Gate−to−Drain Charge
QGD
8.8
Rise Time (Note3)
tr
15
Turn−Off Delay Time (Note3)
td(OFF)
150
V
Fall Time (Note3)
tf
88
0.5
1
Forward Diode Voltage
VSD
VGS = 0 V,
IS = -1A
TJ = 25°C
TJ = 125°C
0.63
Turn−On Delay Time (Note3)
td(ON)
8.6
VGS = -4.5 V, ID = -5A
-0.4
18.5
23
VGS = -2.5 V, ID = -4 A
36
28
-18
39
VGS = -1.8 V, ID = -3 A
55
Rev :
www.leiditech.com
01.06.2019
2/6
LM2D8P02



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com