Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2D8P02 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM2D8P02
Description  P-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM2D8P02 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM2D8P02 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2D8P02 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2D8P02 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2D8P02 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2D8P02 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2D8P02 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1. FEATURES
●
Low Profile DFN 2.0x2.0x0.62 mm for Board Space Saving
●
Ultra Low RDS(on)
●
●
2.APPLICATIONS
●
●
3. ORDERING INFORMATION
4. MAXIMUM RATINGS(Ta = 25ºC unless otherwise stated)
V
V
A
A
PD
TJ , TSTG
W
ID
IDM
TL
260
Parameter
Symbol
Limits
Unit
ESD
2000
V
+150
Drain−to−Source Voltage
VDSS
Gate−to−Source Voltage
VGS
−55 ~
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
This is a Pb-Free Device
Device
Marking
Shipping
32
We declare that the material of product are Halogen Free and
compliance with RoHS requirements.
Battery Switch
High Side Load Switch
Gate−Source ESD Rating
(HBM, Method 3015)
1. Surface−mounted on FR4 board using 1 in sq pad size (Cu area = 1.127 in sq [1 oz] including traces)
Operating Junction and Storage
Power Dissipation (Note 1)
Pulsed Drain Current (tp = 10 µs)
Drain Current (Note 1)Steady State
Temperature Range
t < 7 s
Steady State
20
1.4
3.0
4000/Tape&Reel
32 = Device Code
Y = Date Code*
LM2D8P02
±8
18
8
Enhancement Mode Power MOSFET
P-Channel
LM2D8P02
Rev :
www.leiditech.com
01.06.2019
1/6
°C
°C


Similar Part No. - LM2D8P02

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LM2D10P03 LEIDITECH-LM2D10P03 Datasheet
885Kb / 5P
N and P-Channel Enhancement Mode Power MOSFET
LM2D16P01 LEIDITECH-LM2D16P01 Datasheet
994Kb / 5P
LCE P-Channel Enhancement Mode Power MOSFET
LM2D16P02 LEIDITECH-LM2D16P02 Datasheet
1Mb / 5P
P-ChannelEnhancement Mode Power MOSFET
LM2D6P02 LEIDITECH-LM2D6P02 Datasheet
1Mb / 3P
P-Channel Enhancement Mode Power MOSFET
LM2D9P01K LEIDITECH-LM2D9P01K Datasheet
943Kb / 6P
12V P-Channel Enhancement MOSFET
More results

Similar Description - LM2D8P02

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com