Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2D8P02 Datasheet(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM2D8P02
Description  P-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM2D8P02 Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM2D8P02 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2D8P02 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2D8P02 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2D8P02 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2D8P02 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2D8P02 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
6.ELECTRICAL CHARACTERISTICS CURVES(Con.)
Capacitance variation
FET Thermal Response
Gate-to-Source and Drain-to-
Source Voltage vs. Total Charge
0
20
40
60
80
100
120
6.0E-06
6.0E-04
6.0E-02
6.0E+00
6.0E+02
Time (s)
-50.0%
-20.0%
-5.0%
-10.0%
-2.0%
-1.0%
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0 1 2 3 4 5 6 7 8 9 101112131415
VDS,Drain-to-Source (V)
Tj=25℃
f=1MHz
Crss
Coss
Ciss
0
3
6
9
12
15
0
1
2
3
4
5
0.0E+00
5.0E-09
1.0E-08
1.5E-08
2.0E-08
2.5E-08
QG Gate-to-Source Charge (C)
AVG-VDS
AVG-VGS
Rev :
www.leiditech.com
01.06.2019
5/6
LM2D8P02



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com