Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3D0210 Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM3D0210
Description  N and P-Channel MOSFETS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM3D0210 Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM3D0210 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3D0210 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3D0210 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3D0210 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3D0210 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3D0210 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3D0210 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3D0210 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
P-CH Electrical Characteristics (TJ=25 ℃, unless otherwise)
(1) Absolute max Rating: @TA=25℃ unless otherwise specified
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
-4 ①
A
ID @ TC = 70°C
Continuous Drain Current, VGS @ 10V
-2.4 ①
IDM
Pulsed Drain Current ②
-30
PD @TC = 25°C
Power Dissipation ③
1.4
W
VDS
Drain-Source Voltage
-20
V
VGS
Gate-to-Source Voltage
±8
V
TJ
TSTG
Operating Junction and Storage Temperature Range
-55 to +150
°C
(2) Thermal Resistance
Symbol
Characterizes
Typ.
Max.
Units
RθJA
Junction-to-ambient (t ≤ 10s) ④
—
90
℃
/W
(3) Electrical Characterizes @TA=25℃ unless otherwise specified
Symbol Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown voltage
-20
—
—
V
VGS = 0V, ID = -250μA
RDS(on)
Static Drain-to-Source on-resistance
—
37
43
mΩ
VGS=-4.5V,ID = -4A
—
45
54
VGS=-2.5V,ID = -4A
VGS(th)
Gate threshold voltage
-0.3
—
-1.0
V
VDS = VGS, ID = -250μA
—
-0.44
—
TJ = 125°C
IDSS
Drain-to-Source leakage current
—
—
-1
μA
VDS = -16V,VGS = 0V
—
—
-50
TJ = 125°C
IGSS
Gate-to-Source forward leakage
—
—
10
μA
VGS =8V
—
—
-10
VGS = -8V
Qg
Total gate charge
—
10
—
nC
ID = -4A,
VDS=-10V,
VGS = -4.5V
Qgs
Gate-to-Source charge
—
0.77
—
Qgd
Gate-to-Drain("Miller") charge
—
3.5
—
td(on)
Turn-on delay time
—
10
—
ns
VGS=-4.5V, VDS =-10V,
RGEN=3Ω,
tr
Rise time
—
8.6
—
td(off)
Turn-Off delay time
—
29
—
tf
Fall time
—
13
—
Ciss
Input capacitance
—
939
—
pF
VGS = 0V,
VDS = -10V,
ƒ = 1MHz
Coss
Output capacitance
—
130
—
Crss
Reverse transfer capacitance
—
111
—
Rev 2.0 :
www.leiditech.com
12.01.2019
4/8
LM3D0210



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com