Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3D0210 Datasheet(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM3D0210
Description  N and P-Channel MOSFETS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM3D0210 Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM3D0210 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3D0210 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3D0210 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3D0210 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3D0210 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3D0210 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3D0210 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3D0210 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
(4) Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
—
—
-4 ①
A
MOSFET symbol showing the
integral reverse p-n junction
diode.
ISM
Pulsed Source Current
(Body Diode)
—
—
-30
A
VSD
Diode Forward Voltage
—
-0.76
-1.0
V
IS=1A, VGS=0V
trr
Reverse Recovery Time
—
8.7
—
ns
TJ = 25°C, IF =-4A,
di/dt = 100A/μs
Qrr
Reverse Recovery Charge
—
2.3
—
nC
Notes:
1
Calculated continuous current based on maximum allowable junction temperature.
2
Repetitive rating; pulse width limited by max. junction temperature.
3
The power dissipation PD is based on max. junction temperature, using junction-to-case thermal resistance.
4
The value of RθJA is measured with the device mounted on 1 in 2 FR-4 board with 2oz. Copper, in a still air
environment with TA =25°C
(5) Test circuits and Waveforms
Rev 2.0 :
www.leiditech.com
12.01.2019
5/8
LM3D0210



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com