Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3D0210 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM3D0210
Description  N and P-Channel MOSFETS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM3D0210 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM3D0210 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3D0210 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3D0210 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3D0210 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3D0210 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3D0210 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3D0210 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3D0210 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Product Summary
BVDSS
RDS(ON)
ID
20V
22m
6.5A
-20V
37m
-4A
Description
These N+P Dual Channel enhancement mode power field effect transistors are using trench DMOS technology. This
advanced technology has been especially tailored to minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well
suited for high efficiency fast switching applications.
Mechanical Data
Case: DFN 3.3×3.3-8L
Circuit Configuration: See diagram below
Applications
Notebook
Networking
Load Switch
Hand-held Instruments
Features
Fast switching
Green Device Available
Suit for 1.8V Gate Drive Applications
High Power and current handing capability
Rev 2.0 :
www.leiditech.com
12.01.2019
1/8
LM3D0210
N and P-Channel MOSFETS


Similar Part No. - LM3D0210

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LM3D20N03 LEIDITECH-LM3D20N03 Datasheet
832Kb / 6P
LM N-Channel Enhancement Mode Power MOSFET
LM3D28P03 LEIDITECH-LM3D28P03 Datasheet
690Kb / 6P
LCE P-Channel Enhancement Mode Power MOSFET
LM3D30N03A LEIDITECH-LM3D30N03A Datasheet
516Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
LM3D30P02 LEIDITECH-LM3D30P02 Datasheet
3Mb / 5P
-20V P-Channel Enhancement Mode MOSFET
LM3D35N03 LEIDITECH-LM3D35N03 Datasheet
829Kb / 6P
N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - LM3D0210

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6605 SANYO-CPH6605 Datasheet
54Kb / 6P
N-Channel and P-Channel Silicon MOSFETs
logo
Shenzhen Winsemi Microe...
WFSA5406 WINSEMI-WFSA5406 Datasheet
520Kb / 8P
N- Channel and P-Channel Silicon MOSFETs
WFSA5510 WINSEMI-WFSA5510 Datasheet
496Kb / 9P
N- Channel and P-Channel Silicon MOSFETs
WFSA6503 WINSEMI-WFSA6503 Datasheet
428Kb / 9P
N- Channel and P-Channel Silicon MOSFETs
logo
Central Semiconductor C...
CMLM0708A CENTRAL-CMLM0708A_15 Datasheet
1Mb / 5P
N-CHANNEL AND P-CHANNEL COMPLEMENTARY MOSFETS
logo
ZP Semiconductor
CJL6601 ZPSEMI-CJL6601 Datasheet
803Kb / 2P
P-channel and N-channel Complementary MOSFETS
logo
Jiangsu Changjiang Elec...
CJQ6601 JIANGSU-CJQ6601 Datasheet
3Mb / 6P
N-channel and P-channel Complementary MOSFETS
CJL6602 JIANGSU-CJL6602 Datasheet
2Mb / 6P
P-channel and N-channel Complementary MOSFETS
logo
Shanghai Leiditech Elec...
LMXD0210 LEIDITECH-LMXD0210 Datasheet
2Mb / 8P
N and P-Channel MOSFETS
logo
First Silicon Co., Ltd
FTK6602 FS-FTK6602 Datasheet
516Kb / 5P
P-channel and N-channel Complementary MOSFETS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com