Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7945 Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM7945
Description  Subscriber Line Interface Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7945 Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AM7945 Datasheet HTML 3Page - Advanced Micro Devices AM7945 Datasheet HTML 4Page - Advanced Micro Devices AM7945 Datasheet HTML 5Page - Advanced Micro Devices AM7945 Datasheet HTML 6Page - Advanced Micro Devices AM7945 Datasheet HTML 7Page - Advanced Micro Devices AM7945 Datasheet HTML 8Page - Advanced Micro Devices AM7945 Datasheet HTML 9Page - Advanced Micro Devices AM7945 Datasheet HTML 10Page - Advanced Micro Devices AM7945 Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SLIC Products
7
ELECTRICAL CHARACTERISTICS (continued)
Description
Test Conditions (See Note 1)
Min
Typ
Max
Unit
Note
Idle Channel Noise (2-Wire and 4-Wire)
C-message weighted
2-wire,
0
°C to +70°C
–40
°C to +85°C
+7
+7
+10
+12
dBrnc
4
4-wire,
0
°C to +70°C
–40
°C to +85°C
+7
+7
+10
+12
Psophometric weighted
2-wire,
0
°C to +70°C
–40
°C to +85°C
–83
–83
–78
dBmp
4
4-wire,
0
°C to +70°C
–40
°C to +85°C
–83
–83
–75
4
Line Characteristics, Active State (See Figure 1)
Short loops, Active state
BAT = –48 V, RLDC = 600 Ω
24.7
29.3
mA
Long loops, Active state
BAT = –48 V, RLDC = 1.9 kΩ
17.5
OHT state
BAT = –48 V, RLDC = 600 Ω
15.5
20.5
Standby state
TA = 25°C
0.7IL
IL
1.3IL
RL = 600 Ω, BAT = –48 V
TA = 70°C
15.0
17.4
Loop current
Tip Open state, RL = 0 Ω
100
µA
Disconnect state, RL = 0 Ω
100
Tip Open state, Bwire to GND
21
30
44
mA
Tip Open state, Bwire = BAT + 6 V
20
30
45
ILLIM (ITIP + IRING)
Tip and ring shorted to GND
100
130
Ground-start signaling (tip voltage)
Active state, RTIP to –48 V = 7.0 kΩ
RRING to GND = 100 kΩ
–7.5
–5.0
V
Open circuit voltage
Active and OHT state, BAT = –48 V
40.5
42.0
Power Dissipation, BAT = –48 V
On hook, Open Circuit state
25
100
mW
On hook, OHT state
120
210
On hook, Active state
RTMG = Open
RTMG = 1700 Ω
160
195
230
280
On hook, Standby state
35
100
Off hook, OHT state
RL = 300 Ω, RTMG = ∞, BAT = –48 V
735
1100
Off hook, Active state
RL = 300 Ω, RTMG = ∞, BAT = –48 V
RL = 300 Ω, RTMG = ∞
1.25
0.57
1.60
0.85
W
Off hook, Standby state
RL = 600 Ω, TA = 25°C
0.68
1.0
I
L
V
BAT
3 V
–
R
L
1800
+
-------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com