Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7945 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM7945
Description  Subscriber Line Interface Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7945 Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM7945 Datasheet HTML 1Page - Advanced Micro Devices AM7945 Datasheet HTML 2Page - Advanced Micro Devices AM7945 Datasheet HTML 3Page - Advanced Micro Devices AM7945 Datasheet HTML 4Page - Advanced Micro Devices AM7945 Datasheet HTML 5Page - Advanced Micro Devices AM7945 Datasheet HTML 6Page - Advanced Micro Devices AM7945 Datasheet HTML 7Page - Advanced Micro Devices AM7945 Datasheet HTML 8Page - Advanced Micro Devices AM7945 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Publication# 18408
Rev: D Amendment: /0
Issue Date: October 1999
Am7945
Subscriber Line Interface Circuit
DISTINCTIVE CHARACTERISTICS
s Programmable constant-current feed
s Current gain = 200
s Programmable loop-detect threshold
s Low power Standby state
s Ground-key detector
s Tip Open state for ground-start lines
s –19 V to –56.5 V battery operation
s On-chip Thermal Management (TMG) feature
s Two-wire impedance set by single external
impedance
s On-hook transmission
s On-chip ring relay driver and relay snubber
circuit
s Ideal for low cost PABX and key telephone
systems
BLOCK DIAGRAM
VCC
VEE
AGND/DGND
RSN
VTX
RD
RDC
CAS
C1
C2
C3
E0
E1
DET
Two-Wire
Interface
HPA
HPB
DA
DB
BGND
VBAT
A(TIP)
B(RING)
TMG
Ground-Key
Detector
Signal
Transmission
Off-Hook
Detector
Power-Feed
Controller
Ring-Trip
Detector
RINGOUT
Ring Relay
Driver
Input Decoder
and Control


Similar Part No. - AM7945

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM7940N ANALOGPOWER-AM7940N Datasheet
104Kb / 3P
Dual N-Channel 40-V (D-S) MOSFET
logo
Advanced Micro Devices
AM79489 AMD-AM79489 Datasheet
772Kb / 16P
SUBSCRIBER LINE INTERFACE CIRCUIT
AM79489-1JC AMD-AM79489-1JC Datasheet
772Kb / 16P
SUBSCRIBER LINE INTERFACE CIRCUIT
AM79489-2JC AMD-AM79489-2JC Datasheet
772Kb / 16P
SUBSCRIBER LINE INTERFACE CIRCUIT
AM79489-3JC AMD-AM79489-3JC Datasheet
772Kb / 16P
SUBSCRIBER LINE INTERFACE CIRCUIT
More results

Similar Description - AM7945

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
SUBSCRIBER LINE INTERFACE CIRCUIT
Dec-1997
STLC3080 STMICROELECTRONICS-STLC3080 Datasheet
201Kb / 23P
SUBSCRIBER LINE INTERFACE CIRCUIT
Dec-1999
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
Subscriber Line Interface Circuit
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com