Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7945 Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AM7945
Description  Subscriber Line Interface Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7945 Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AM7945 Datasheet HTML 4Page - Advanced Micro Devices AM7945 Datasheet HTML 5Page - Advanced Micro Devices AM7945 Datasheet HTML 6Page - Advanced Micro Devices AM7945 Datasheet HTML 7Page - Advanced Micro Devices AM7945 Datasheet HTML 8Page - Advanced Micro Devices AM7945 Datasheet HTML 9Page - Advanced Micro Devices AM7945 Datasheet HTML 10Page - Advanced Micro Devices AM7945 Datasheet HTML 11Page - Advanced Micro Devices AM7945 Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
Am7945 Data Sheet
Supply Currents, BAT = –48 V
VCC,
On-hook supply current
Open Circuit state
OHT state
Standby state
Active state
1.7
4.9
2.2
6.3
2.5
7.5
3.0
8.5
mA
VEE,
On-hook supply current
Open Circuit state
OHT state
Standby state
Active state
0.7
2.0
0.77
2.1
2.0
3.5
2.0
5.0
VBAT,
On-hook supply current
Open Circuit state
OHT state
Standby state
Active state
0.18
1.9
0.45
4.2
1.0
4.7
1.5
5.7
Power-Supply Rejection Ratio (VRIPPLE = 50 mVrms), Active Normal State
VCC
50 Hz to 3.4 kHz
30
40
dB
5
VEE
50 Hz to 3.4 kHz
28
35
VBAT
50 Hz to 3.4 kHz
28
50
Effective internal resistance
CAS pin to GND
85
170
255
k
Ω
4
RFI rejection
100 kHz to 30 MHz (See Figure E)
1.0
mVrms
Off-Hook Detector
Current threshold
–12
+12
%
Ground-Key Detector Thresholds, Active State, BAT = –48 V
Ground-key resistance threshold
B(RING) to GND
2.0
5.0
10.0
k
Ω
Ground-key current threshold
B(RING) to GND
9
mA
Ring-Trip Detector Input
Bias current
–0.5
–0.05
µA
Offset voltage
Source resistance = 2 M
Ω
–50
0
+50
mV
6
Logic Inputs (C3–C1, E0, E1)
Input High voltage
2.0
V
Input Low voltage
0.8
Input High current
All inputs except C3 and E1
–75
40
µA
Input C3
–75
200
Input E1
–75
45
Input Low current
–0.4
mA
Logic Output (DET)
Output Low voltage
IOUT = 0.8 mA
0.4
V
Output High voltage
IOUT = –0.1 mA
2.4
ELECTRICAL CHARACTERISTICS (continued)
Description
Test Conditions (See Note 1)
Min
Typ
Max
Unit
Note
I
DET
375
R
D
---------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com