Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7945JC Datasheet(PDF) 4 Page - Advanced Micro Devices

Part # AM7945JC
Description  Subscriber Line Interface Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7945JC Datasheet(HTML) 4 Page - Advanced Micro Devices

  AM7945JC Datasheet HTML 1Page - Advanced Micro Devices AM7945JC Datasheet HTML 2Page - Advanced Micro Devices AM7945JC Datasheet HTML 3Page - Advanced Micro Devices AM7945JC Datasheet HTML 4Page - Advanced Micro Devices AM7945JC Datasheet HTML 5Page - Advanced Micro Devices AM7945JC Datasheet HTML 6Page - Advanced Micro Devices AM7945JC Datasheet HTML 7Page - Advanced Micro Devices AM7945JC Datasheet HTML 8Page - Advanced Micro Devices AM7945JC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
Am7945 Data Sheet
PIN DESCRIPTIONS
Pin Names
Type
Description
AGND/DGND
Gnd
Analog and digital ground
A(TIP)
Output
Output of A(TIP) power amplifier
BGND
Gnd
Battery (power) ground
B(RING)
Output
Output of B(RING) power amplifier
C3–C1
Input
Decoder. TTL compatible. C3 is MSB and C1 is LSB.
CAS
Capacitor
Anti-saturation pin for capacitor to filter reference voltage when operating in anti-saturation
region.
DA
Input
Ring-Trip Negative. Negative input to ring-trip comparator.
DB
Input
Ring-Trip Positive. Positive input to ring-trip comparator.
DET
Output
Switchhook Detector. When enabled, a logic Low indicates the selected detector is tripped.
The detect condition is selected by the logic inputs (C3–C1, E0, E1). The output is open-
collector with a built-in 15 k
Ω pull-up resistor.
E0
Input
Ground-Key Enable. A logic High enables DET. A logic Low disables DET (PLCC only).
E1
Input
Ground-Key Enable. E1 = Low connects the ground-key or ring-trip detector to DET. E1 =
High connects the off-hook or ring-trip detector to DET (PLCC only).
HPA
Capacitor
High-Pass Filter Capacitor. A(TIP) side of high-pass filter capacitor.
HPB
Capacitor
High-Pass Filter Capacitor. B(RING) side of high-pass filter capacitor.
RD
Resistor
Detect Resistor. Threshold modification and filter point for the off-hook detector.
RDC
Resistor
DC Feed Resistor. Connection point for the DC feed current programming network. The
other end of the network connects to the receiver summing node (RSN). VRDC is negative
for normal polarity and positive for reverse polarity.
RINGOUT
Output
Ring Relay Driver. Open-collector driver with emitter internally connected to BGND.
RSN
Input
Receive Summing Node. The metallic current (both AC and DC) between A(TIP) and
B(RING) is equal to 200 times the current into this pin. Networks that program receive gain,
two-wire impedance, and feed resistance all connect to this node.
TMG
Thermal Management. Connect an external resistor between this pin and the VBAT pin to
reduce on-chip power dissipation in the normal polarity, Active state only. See Table 2.
TP
Thermal
Thermal pin. Connection for heat dissipation. Internally connected to substrate (QBAT).
Leave as open circuit or connected to QBAT. In both cases, the TP pins can connect to an
area of copper on the board to enhance heat dissipation.
VBAT
Battery
Battery supply
VCC
Power
+5 V power supply
VEE
Power
–5 V power supply
VTX
Output
Transmit Audio. This output is a unity gain version of the A(TIP) and B(RING) metallic
voltage. VTX also sources the two-wire input impedance programming network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com