Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7945JC Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AM7945JC
Description  Subscriber Line Interface Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7945JC Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AM7945JC Datasheet HTML 10Page - Advanced Micro Devices AM7945JC Datasheet HTML 11Page - Advanced Micro Devices AM7945JC Datasheet HTML 12Page - Advanced Micro Devices AM7945JC Datasheet HTML 13Page - Advanced Micro Devices AM7945JC Datasheet HTML 14Page - Advanced Micro Devices AM7945JC Datasheet HTML 15Page - Advanced Micro Devices AM7945JC Datasheet HTML 16Page - Advanced Micro Devices AM7945JC Datasheet HTML 17Page - Advanced Micro Devices AM7945JC Datasheet HTML 18Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
SLIC Products
15
TEST CIRCUITS (continued)
E. RFI Test Circuit
HF
GEN
VTX
B(RING)
A(TIP)
CAX
33 nF
CBX
33 nF
C1
C2
RF1
RF2
50
Ω
50
Ω
200
Ω
200
Ω
L1
L2
50
Ω
SLIC
F. Loop-Detector Switching
VCC
A(TIP)
B(RING)
DET
E1
6.2 k
Ω
RL = 600 Ω
15 pF
A(TIP)
B(RING)
2k
Ω at V
BAT = – 48 V
RG
G. Ground-Key Switching
1.5 Vrms
80% Amplitude
Modulated
100 kHz to 30 MHz
under test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com