Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7945JC Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM7945JC
Description  Subscriber Line Interface Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7945JC Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM7945JC Datasheet HTML 8Page - Advanced Micro Devices AM7945JC Datasheet HTML 9Page - Advanced Micro Devices AM7945JC Datasheet HTML 10Page - Advanced Micro Devices AM7945JC Datasheet HTML 11Page - Advanced Micro Devices AM7945JC Datasheet HTML 12Page - Advanced Micro Devices AM7945JC Datasheet HTML 13Page - Advanced Micro Devices AM7945JC Datasheet HTML 14Page - Advanced Micro Devices AM7945JC Datasheet HTML 15Page - Advanced Micro Devices AM7945JC Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
Am7945 Data Sheet
DC FEED CHARACTERISTICS
3
1
2
VBAT = –51.3 V
VBAT = –47.3 V
4
RDC1 + RDC2 = RDC = 18.52 kΩ
Active state
OHT state
Notes:
1. Constant-current region:
Active state:
OHT state:
2. Anti-sat (battery tracking) turn-on:
3. Open circuit voltage:
4. Anti-sat (battery tracking) region:
I
L
500
R
DC
----------
=
I
L
2
3
---
500
R
DC
----------
=
V
AB
1.017 V
BAT
10.7
=
V
AB
1.017 V
BAT
6.3
=
V
AB
1.017 V
BAT
6.3
I
L
R
DC
120
----------
=
a. VA–VB (VAB) Voltage vs. Loop Current (Typical)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com