Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5906 Datasheet(PDF) 29 Page - Microchip Technology

Part # USB5906
Description  6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for a Single USB Type-C짰 UFP
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5906 Datasheet(HTML) 29 Page - Microchip Technology

Back Button USB5906 Datasheet HTML 25Page - Microchip Technology USB5906 Datasheet HTML 26Page - Microchip Technology USB5906 Datasheet HTML 27Page - Microchip Technology USB5906 Datasheet HTML 28Page - Microchip Technology USB5906 Datasheet HTML 29Page - Microchip Technology USB5906 Datasheet HTML 30Page - Microchip Technology USB5906 Datasheet HTML 31Page - Microchip Technology USB5906 Datasheet HTML 32Page - Microchip Technology USB5906 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
2016-2021 Microchip Technology Inc.
DS00002242E-page 30
USB5906
8.0
FUNCTIONAL DESCRIPTIONS
This section details various USB5906 functions, including:
• USB Type-C Receptacle Support
• Battery Charging
• Resets
• Link Power Management (LPM)
• Remote Wakeup Indicator
• Port Control Interface
• Port Split
8.1
USB Type-C Receptacle Support
The USB5906 has built-in support for the USB Type-C receptacle. There are 3 fundamental configurations:
• External USB 3.2 Gen 1 Multiplexer
• Internal USB3.1 Gen 1 Multiplexer, “Type-C Control Mode 1”
• Internal USB 3.1 Gen 1 Multiplexer, “Type-C Control Mode 2”
8.1.1
EXTERNAL USB 3.2 GEN 1 MULTIPLEXER
C_ATTACH[0:2] pins are used to signal to the hub when a valid USB Type-C connection has been detected. This func-
tionality requires an external USB Type-C controller such as a Microchip UTC2000 to monitor the USB Type-C recep-
tacle for a valid attach. This signal is used to enable and disable clocking to the USB 3.2 Gen 1 PHY in order to reduce
power consumption when there is no USB Type-C attach.
The polarity of the
C_ATTACH[0:2] pins are controlled by the CC_POL pin. See Table 3-6 for details.
A diagram of a USB Type-C Downstream Facing Port with a USB5906, Microchip UTC2000, and external multiplexer
is shown in Figure 8-1.
FIGURE 8-1:
DFP TYPE-C PORT WITH MICROCHIP UTC2000 AND EXTERNAL MUX
USB Type-C®
External Mux
Downstream Port
VBUS
GENERIC
PORT PWR
CTLR
POWER
OCS
SSTX+
SSTX-
SSRX+
SSRX-
D+
D-
PRTCTL
USB Type-C
UTC2000
DFP Mode
ENABLE
OCS#
PLUG_OR#
PPC_EN
CC1
CC2
C_ATTACH
ALT_MUX_EN
CC_POL
MUX
SSTXA+
SSTXA-
SSRXA+
SSRXA-
SSTXB+
SSTXB-
SSRXB+
SSRXB-
SSTX+
SSTX-
SSRX+
SSRX-
A/B
3.3V
SSTXA+
SSTXA-
SSRXA+
SSRXA-
SSTXB+
SSTXB-
SSRXB+
SSRXB-
D+
D-
CC1
CC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com