Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5906 Datasheet(PDF) 12 Page - Microchip Technology

Part # USB5906
Description  6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for a Single USB Type-C짰 UFP
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5906 Datasheet(HTML) 12 Page - Microchip Technology

Back Button USB5906 Datasheet HTML 8Page - Microchip Technology USB5906 Datasheet HTML 9Page - Microchip Technology USB5906 Datasheet HTML 10Page - Microchip Technology USB5906 Datasheet HTML 11Page - Microchip Technology USB5906 Datasheet HTML 12Page - Microchip Technology USB5906 Datasheet HTML 13Page - Microchip Technology USB5906 Datasheet HTML 14Page - Microchip Technology USB5906 Datasheet HTML 15Page - Microchip Technology USB5906 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
2016-2021 Microchip Technology Inc.
DS00002242E-page 12
USB5906
VBUS Detect
VBUS_DET
IS
This signal detects the state of the upstream bus power.
When designing a detachable hub, this pin must be con-
nected to the VBUS power pin of the upstream USB port
through a resistor divider (50 k
by 100 k) to provide
3.3 V.
For self-powered applications with a permanently
attached host, this pin must be connected to either 3.3 V
or 5.0 V through a resistor divider to provide 3.3 V.
In embedded applications,
VBUS_DET may be controlled
(toggled) when the host desires to renegotiate a connec-
tion without requiring a full reset of the device.
TABLE 3-4:
PORT CONTROL PIN DESCRIPTIONS
Name
Symbol
Buffer
Type
Description
Port 6
Power Enable /
Overcurrent
Sense
PRT_CTL6
I/OD12
(PU)
Port 6 Power Enable / Overcurrent Sense.
When the downstream port is enabled, this pin is set as
an input with an internal pull-up resistor applied. The
internal pull-up enables power to the downstream port
while the pin monitors for an active low overcurrent signal
assertion from an external current monitor on USB port 6.
This pin will change to an output and be driven low when
the port is disabled by configuration or by the host con-
trol.
Port 5
Power Enable /
Overcurrent
Sense
PRT_CTL5
I/OD12
(PU)
Port 5 Power Enable / Overcurrent Sense.
When the downstream port is enabled, this pin is set as
an input with an internal pull-up resistor applied. The
internal pull-up enables power to the downstream port
while the pin monitors for an active low overcurrent signal
assertion from an external current monitor on USB port 5.
This pin will change to an output and be driven low when
the port is disabled by configuration or by the host con-
trol.
TABLE 3-3:
USB 2.0 PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com