Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5906 Datasheet(PDF) 16 Page - Microchip Technology

Part # USB5906
Description  6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for a Single USB Type-C짰 UFP
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5906 Datasheet(HTML) 16 Page - Microchip Technology

Back Button USB5906 Datasheet HTML 12Page - Microchip Technology USB5906 Datasheet HTML 13Page - Microchip Technology USB5906 Datasheet HTML 14Page - Microchip Technology USB5906 Datasheet HTML 15Page - Microchip Technology USB5906 Datasheet HTML 16Page - Microchip Technology USB5906 Datasheet HTML 17Page - Microchip Technology USB5906 Datasheet HTML 18Page - Microchip Technology USB5906 Datasheet HTML 19Page - Microchip Technology USB5906 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
2016-2021 Microchip Technology Inc.
DS00002242E-page 16
USB5906
USB Type-C
Alternative
Orientation B
Attach 0
ATTACH_MUX0B
I
(PD)
“Type-C Control Mode 2” USB Type-C attach for “Orienta-
tion B” USB Type-C connections.
This mode of control is an alternative to the
C_AT-
TACH[0:2] and AB0 pins.To select this mode, the
ALT_MUX_EN pin must be high.
When this pin asserted, the hub enables the “Orientation
B” USB 3.1 Gen 1 PHY of the associated port. When
there is no USB Type-C connection present and this pin
is not asserted, the associated USB 3.1 Gen 1 PHY is
disabled to reduce power consumption.
The polarity of this input is controlled via the
CC_POL
pin.
If
CC_POL is low, this pin behaves as follows:
- 1: USB Type-C attach detected, turn respective
“Orientation B” USB 3.1 Gen 1 PHY on.
- 0: No USB Type-C attach detected, turn respec-
tive “Orientation B” USB 3.1 Gen 1 PHY off.
If
CC_POL is high, this pin behaves as follows:
- 1: No USB Type-C attach detected, turn respec-
tive “Orientation B” USB 3.1 Gen 1 PHY off.
- 0: USB Type-C attach detected, turn respective
“Orientation A” USB 3.1 Gen 1 PHY on.
Attach Polarity
Control
CC_POL
I
(PD)
USB
C_ATTACH polarity control input.
If this pin is low, the
C_ATTACH[0:2], AB0,
ATTACH_MUX0A, and ATTACH_MUX0B pins are
active high.
If this pin is high, the
C_ATTACH[0:2], AB0,
ATTACH_MUX0A, and ATTACH_MUX0B pins are
active low.
This pin has an internal pull-down enabled. If the desired
strapping is to pull this pin low, then this pin may be left
unconnected.
TABLE 3-6:
USB TYPE-C CONNECTOR CONTROLS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com