Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL5067MPES Datasheet(PDF) 5 Page - General Electric Company

Part # SL5067MPES
Description  MULTI - STANDARD VIDEO MODULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEC [General Electric Company]
Direct Link  http://www.ge.com
Logo GEC - General Electric Company

SL5067MPES Datasheet(HTML) 5 Page - General Electric Company

  SL5067MPES Datasheet HTML 1Page - General Electric Company SL5067MPES Datasheet HTML 2Page - General Electric Company SL5067MPES Datasheet HTML 3Page - General Electric Company SL5067MPES Datasheet HTML 4Page - General Electric Company SL5067MPES Datasheet HTML 5Page - General Electric Company SL5067MPES Datasheet HTML 6Page - General Electric Company SL5067MPES Datasheet HTML 7Page - General Electric Company SL5067MPES Datasheet HTML 8Page - General Electric Company SL5067MPES Datasheet HTML 9Page - General Electric Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SL5067
5
100
80.0
60.0
40.0
20.0
0.00
0.0
1.0
2.0
3.0
4.0
5.0
80% NEGATIVE
Fig. 5. Modulation index as a function of pin 3 voltage
1.1
2.2
96% POSITIVE
PIN 3 VOLTAGE
MOD
INDEX %
(VIDEO)
NEGATIVE
Fig. 6 FM sound carrier amplitude dB
mV.
0.0
1.0
2.0
3.0
1.66V
60
55
65
75
RF O/P
LEVEL
dB
mV
INTO 50
W
ref to ground
PIN18
VOLTAGE
+
–
PIN 18
45
60
70
40
Fig. 7 AM sound carrier amplitude dB
mV unmodulated
70
60
50
5V
4.0
3.0
2.0
AUDIO
OUTPUT
LEVEL
dB
mV
INTO 50
W
PIN18
VOLTAGE
MODULATION
POSITIVE
MODULATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com