Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL5067MPES Datasheet(PDF) 7 Page - General Electric Company

Part # SL5067MPES
Description  MULTI - STANDARD VIDEO MODULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEC [General Electric Company]
Direct Link  http://www.ge.com
Logo GEC - General Electric Company

SL5067MPES Datasheet(HTML) 7 Page - General Electric Company

Back Button SL5067MPES Datasheet HTML 3Page - General Electric Company SL5067MPES Datasheet HTML 4Page - General Electric Company SL5067MPES Datasheet HTML 5Page - General Electric Company SL5067MPES Datasheet HTML 6Page - General Electric Company SL5067MPES Datasheet HTML 7Page - General Electric Company SL5067MPES Datasheet HTML 8Page - General Electric Company SL5067MPES Datasheet HTML 9Page - General Electric Company SL5067MPES Datasheet HTML 10Page - General Electric Company SL5067MPES Datasheet HTML 11Page - General Electric Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SL5067
7
16
1
15
2
14
3
13
4
12
5
11
6
10
7
9
8
17
18
19
20
16
1
15
2
14
3
13
4
12
5
11
6
10
7
9
8
17
18
VIDEO INPUT
4MHZ
18p
SDA
SCL
NC
NC
NC
NC
NC
NC
NC
NC
10n
100n
180n
22K
39n
75
75
MODULATED
OUTPUT
75
W
10n
10nF
330n
470nF
1n
1n
1.2p
1.5p
+30V
22K
2N3904
10n
10K
22K
BB405
100p
5p6
2 turns 6mm
∅
1 turn 6mm ∅
100nF
100pF
1.2p
1.5p
VCC
LAUDIO CAUDIO
5.6
m
120p
220p
AUDIO
INPUT
220K
Fig.14 typical application showing video modulator with synthesised oscillator
470n
VCC
100nF
1nF
1nF
RV1
VCC 2
VCC
RV2
NOTES:–
RV2 adjusts the picture carrier to sound carrier ratio
RV1 adjusts the modulation index
In applications the potentiometers should be replaced by 1% fixed resistors connected between VCC
G
and
ND
The values chosen must reproduce the correct bias voltages on the relevant input pins
22K
75
W
480
85
80
75
70
65
60
55
50
45
40
35
30
25
20
20
40
60
80
100 120 140 160 180 200 220 240 260 280
0
40
80
120
160
200
240
280
320
380
400
440
Q=16
Q=2
Q=8
OUTPUT
LEVEL
(dB
mV)
UNTERMI-
NATED
FM
DEVIATION
(kHz/V)
PICTURE
CARRIER
SOUND
SUBCARRIER
DEVIATION
3rd HARMONIC
SOUND TANK CAPACITANCE
Fig. 13 Sound oscillator harmonics v. tank capacitance (fSOUND=6.0MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com