Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL5067MPES Datasheet(PDF) 1 Page - General Electric Company

Part # SL5067MPES
Description  MULTI - STANDARD VIDEO MODULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEC [General Electric Company]
Direct Link  http://www.ge.com
Logo GEC - General Electric Company

SL5067MPES Datasheet(HTML) 1 Page - General Electric Company

  SL5067MPES Datasheet HTML 1Page - General Electric Company SL5067MPES Datasheet HTML 2Page - General Electric Company SL5067MPES Datasheet HTML 3Page - General Electric Company SL5067MPES Datasheet HTML 4Page - General Electric Company SL5067MPES Datasheet HTML 5Page - General Electric Company SL5067MPES Datasheet HTML 6Page - General Electric Company SL5067MPES Datasheet HTML 7Page - General Electric Company SL5067MPES Datasheet HTML 8Page - General Electric Company SL5067MPES Datasheet HTML 9Page - General Electric Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ADVANCE INFORMATION
JANUARY 1994
D.S. 3802 1.3
SL5067
MULTI – STANDARD VIDEO MODULATOR
The SL5067 is a video up converter, capable of operating
at frequencies up to 900MHz. It is compatible with both PAL
and NTSC, accepting baseband video and sound inputs and
modulating up to any desired VHF or UHF channel.
Modulated UHF outputs consist of open collectors driving
external 75
W load resistors for line matching requirements.
Prescaler outputs are also provided enabling the use of a
synthesiser to control oscillator frequency. The SL5067
operates from a 5V supply.
FEATURES
J 5V Operation
J Symmetrical RF Oscillator Operating to 900MHz
J Symmetrical RF drive to a frequency synthesiser
J Video Signal Input Clamp
J Video Peak White Level Detection and Automatic
Gain Control
J Control of Video Modulation Index
J Direct Drive into 75W, via Symmetrical open
Collector Outputs
J ESD Protection [
J Picture Carrier to Sound Carrier Ratio Adjustment
J Low External Component Count
[ ESD Precautions must be observed
APPLICATIONS
J Video Recorders
J Cable Systems
J Video Cameras
J Personal Computers
J Video Security Systems
J In Home Rebroadcast System (LPTV)
16
1
15
2
14
3
13
4
12
5
11
6
10
7
9
8
17
18
19
20
1
18
2
3
4
5
6
7
8
9
16
10
11
12
13
14
15
17
19
20
MOD OUTPUT 2
MOD OUTPUT 1
MOD INDEX
VIDEO INPUT
AGC HOLD
GND
PRESCALER OUTPUT 1
PRESCALER OUTPUT 2
LO INPUT 1
LO OUTPUT 1
GND
VCC
FM/AM SELECT
AUDIO INPUT
SOUND OSC 1
SOUND OSC 2
GND
LO INPUT 2
LO OUTPUT 2
LO VCC
GND
VCC
FM/AM SELECT
AUDIO INPUT
SOUND OSC 1
SOUND OSC 2
GND
LO INPUT 2
LO OUTPUT 2
LO VCC
MOD OUTPUT 2
MOD OUTPUT 1
MOD INDEX
VIDEO INPUT
AGC HOLD
GND
PRESCALER OUTPUT 1
PRESCALER OUTPUT 2
LO INPUT 1
LO OUTPUT 1
DP20
MP20
Fig. 1 Pin connections – top view
ORDERING INFORMATION
SL5067 /KG/DPAS
SL5067 KG/MPES
SL5067/KG/MPEF (Tape and Reel)


Similar Part No. - SL5067MPES

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
SL500 EDI-SL500 Datasheet
43Kb / 2P
FAST RECOVERY, 100ns.HIGH VOLTAGE 40 ma, MINIATURE RECTIFIERS
logo
AUK corp
SL5001P AUK-SL5001P Datasheet
291Kb / 8P
TONE RINGER
SL5001P-2P AUK-SL5001P-2P Datasheet
291Kb / 8P
TONE RINGER
SL5002P AUK-SL5002P Datasheet
291Kb / 8P
TONE RINGER
SL5015 AUK-SL5015 Datasheet
49Kb / 4P
COMPANDOR
More results

Similar Description - SL5067MPES

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM1372A NJRC-NJM1372A Datasheet
163Kb / 5P
TV VIDEO MODULATOR
NJM2208 NJRC-NJM2208 Datasheet
290Kb / 7P
TV VIDEO MODULATOR
logo
National Semiconductor ...
LM1889 NSC-LM1889 Datasheet
326Kb / 10P
LM1889 TV Video Modulator
LM2889 NSC-LM2889 Datasheet
219Kb / 10P
LM2889 TV Video Modulator
logo
Panasonic Semiconductor
AN614 PANASONIC-AN614 Datasheet
39Kb / 3P
Video amplifier, modulator/demodulator IC
logo
NXP Semiconductors
TDA6800 PHILIPS-TDA6800 Datasheet
54Kb / 10P
Video modulator circuit
March 1986
logo
Infineon Technologies A...
TDA6060XS INFINEON-TDA6060XS Datasheet
831Kb / 28P
Video-Modulator with PLL
logo
Motorola, Inc
MC1373 MOTOROLA-MC1373 Datasheet
211Kb / 3P
TV Video Modulator
logo
NXP Semiconductors
FQ1216ME PHILIPS-FQ1216ME Datasheet
776Kb / 30P
Multi-Standard Desktop Video Modules
16.02.2004
logo
Silicon image
MSVD-HD SILICONIMAGE-MSVD-HD Datasheet
178Kb / 2P
Multi-Standard High-Definition Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com