Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS75R12W2T7 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # FS75R12W2T7
Description  EasyPACK??Modul mit TRENCHSTOP??IGBT7 und Emitter Controlled 7 Diode und NTC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FS75R12W2T7 Datasheet(HTML) 3 Page - Infineon Technologies AG

  FS75R12W2T7 Datasheet HTML 1Page - Infineon Technologies AG FS75R12W2T7 Datasheet HTML 2Page - Infineon Technologies AG FS75R12W2T7 Datasheet HTML 3Page - Infineon Technologies AG FS75R12W2T7 Datasheet HTML 4Page - Infineon Technologies AG FS75R12W2T7 Datasheet HTML 5Page - Infineon Technologies AG FS75R12W2T7 Datasheet HTML 6Page - Infineon Technologies AG FS75R12W2T7 Datasheet HTML 7Page - Infineon Technologies AG FS75R12W2T7 Datasheet HTML 8Page - Infineon Technologies AG FS75R12W2T7 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Datasheet
3
V2.0
2020-05-12
FS75R12W2T7
VorläufigeDaten
PreliminaryData
Diode,Wechselrichter/Diode,Inverter
HöchstzulässigeWerte/MaximumRatedValues
PeriodischeSpitzensperrspannung
Repetitivepeakreversevoltage
Tvj = 25°C
VRRM

1200
 V
Dauergleichstrom
ContinuousDCforwardcurrent
IF

75
 A
PeriodischerSpitzenstrom
Repetitivepeakforwardcurrent
tP = 1 ms
IFRM

150
 A
Grenzlastintegral
I²t-value
VR = 0 V, tP = 10 ms, Tvj = 125°C
VR = 0 V, tP = 10 ms, Tvj = 175°C
I²t

1000
800
 A²s
A²s
CharakteristischeWerte/CharacteristicValues
min.
typ.
max.
Durchlassspannung
Forwardvoltage
IF = 75 A, VGE = 0 V
IF = 75 A, VGE = 0 V
IF = 75 A, VGE = 0 V
VF
1,72
1,59
1,52
t.b.d.
V
V
V
Tvj = 25°C
Tvj = 125°C
Tvj = 175°C
Rückstromspitze
Peakreverserecoverycurrent
IF = 75 A, - diF/dt = 1700 A/µs (Tvj=175°C)
VR = 600 V
VGE = -15 V
IRM
59,0
81,3
100
A
A
A
Tvj = 25°C
Tvj = 125°C
Tvj = 175°C
Sperrverzögerungsladung
Recoveredcharge
IF = 75 A, - diF/dt = 1700 A/µs (Tvj=175°C)
VR = 600 V
VGE = -15 V
Qr
7,03
11,5
13,7
µC
µC
µC
Tvj = 25°C
Tvj = 125°C
Tvj = 175°C
AbschaltenergieproPuls
Reverserecoveryenergy
IF = 75 A, - diF/dt = 1700 A/µs (Tvj=175°C)
VR = 600 V
VGE = -15 V
Erec
2,92
4,26
4,93
mJ
mJ
mJ
Tvj = 25°C
Tvj = 125°C
Tvj = 175°C
Wärmewiderstand,ChipbisKühlkörper
Thermalresistance,junctiontoheatsink
proDiode/perdiode
RthJH
1,12
K/W
TemperaturimSchaltbetrieb
Temperatureunderswitchingconditions
Tvj op
-40
175
°C
NTC-Widerstand/NTC-Thermistor
CharakteristischeWerte/CharacteristicValues
min.
typ.
max.
Nennwiderstand
Ratedresistance
TNTC = 25°C
R25
5,00
k
Ω
AbweichungvonR100
DeviationofR100
TNTC = 100°C, R100 = 493
Ω
∆R/R
-5
5
%
Verlustleistung
Powerdissipation
TNTC = 25°C
P25
20,0
mW
B-Wert
B-value
R2 = R25 exp [B25/50(1/T2 - 1/(298,15 K))]
B25/50
3375
K
B-Wert
B-value
R2 = R25 exp [B25/80(1/T2 - 1/(298,15 K))]
B25/80
3411
K
B-Wert
B-value
R2 = R25 exp [B25/100(1/T2 - 1/(298,15 K))]
B25/100
3433
K
AngabengemäßgültigerApplicationNote.
Specificationaccordingtothevalidapplicationnote.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com