Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS75R12W2T7 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # FS75R12W2T7
Description  EasyPACK??Modul mit TRENCHSTOP??IGBT7 und Emitter Controlled 7 Diode und NTC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FS75R12W2T7 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button FS75R12W2T7 Datasheet HTML 2Page - Infineon Technologies AG FS75R12W2T7 Datasheet HTML 3Page - Infineon Technologies AG FS75R12W2T7 Datasheet HTML 4Page - Infineon Technologies AG FS75R12W2T7 Datasheet HTML 5Page - Infineon Technologies AG FS75R12W2T7 Datasheet HTML 6Page - Infineon Technologies AG FS75R12W2T7 Datasheet HTML 7Page - Infineon Technologies AG FS75R12W2T7 Datasheet HTML 8Page - Infineon Technologies AG FS75R12W2T7 Datasheet HTML 9Page - Infineon Technologies AG FS75R12W2T7 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Datasheet
6
V2.0
2020-05-12
FS75R12W2T7
VorläufigeDaten
PreliminaryData
SchaltverlusteIGBT,Wechselrichter(typisch)
switchinglossesIGBT,Inverter(typical)
Eon=f(RG),Eoff=f(RG)
VGE=±15V,IC=75A,VCE=600V
RG [
Ω]
0
5
10
15
20
25
0
5
10
15
20
25
30
35
Eon, Tvj = 125°C
Eon, Tvj = 175°C
Eoff, Tvj = 125°C
Eoff, Tvj = 175°C
SchaltzeitenIGBT,Wechselrichter(typisch)
switchingtimesIGBT,Inverter(typical)
tdon=f(IC),tr=f(IC),tdoff=f(IC),tf=f(IC)
VGE=±15V,RGon=2.2
Ω,RGoff=2.2Ω,VCE=600V,Tvj=175°C
IC [A]
0
25
50
75
100
125
150
0,001
0,01
0,1
1
10
tdon
tr
tdoff
tf
SchaltzeitenIGBT,Wechselrichter(typisch)
switchingtimesIGBT,Inverter(typical)
tdon=f(RG),tr=f(RG),tdoff=f(RG),tf=f(RG)
VGE=±15V,IC=75A,VCE=600V,Tvj=175°C
RG [
Ω]
0
5
10
15
20
25
0,01
0,1
1
10
tdon
tr
tdoff
tf
dv/dtIGBT,Wechselrichter(typisch)
dv/dtIGBT,Inverter(typical)
dv/dt=f(RG)
VGE=±15V,IC=75A,VCE=600V,Tvj=25°C
RG [Ohm]
0
5
10
15
20
25
0
3
6
9
12
dv/dt-on at 1/10 × Ic
dv/dt-off at Ic



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com