Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS75R12W2T7 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # FS75R12W2T7
Description  EasyPACK??Modul mit TRENCHSTOP??IGBT7 und Emitter Controlled 7 Diode und NTC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FS75R12W2T7 Datasheet(HTML) 2 Page - Infineon Technologies AG

  FS75R12W2T7 Datasheet HTML 1Page - Infineon Technologies AG FS75R12W2T7 Datasheet HTML 2Page - Infineon Technologies AG FS75R12W2T7 Datasheet HTML 3Page - Infineon Technologies AG FS75R12W2T7 Datasheet HTML 4Page - Infineon Technologies AG FS75R12W2T7 Datasheet HTML 5Page - Infineon Technologies AG FS75R12W2T7 Datasheet HTML 6Page - Infineon Technologies AG FS75R12W2T7 Datasheet HTML 7Page - Infineon Technologies AG FS75R12W2T7 Datasheet HTML 8Page - Infineon Technologies AG FS75R12W2T7 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Datasheet
2
V2.0
2020-05-12
FS75R12W2T7
VorläufigeDaten
PreliminaryData
IGBT,Wechselrichter/IGBT,Inverter
HöchstzulässigeWerte/MaximumRatedValues
Kollektor-Emitter-Sperrspannung
Collector-emittervoltage
Tvj = 25°C
VCES

1200
 V
ImplementierterKollektor-Strom
Implementedcollectorcurrent
ICN

75
 A
Kollektor-Dauergleichstrom
ContinuousDCcollectorcurrent
TH = 65°C, Tvj max = 175°C
ICDC

65
 A
PeriodischerKollektor-Spitzenstrom
Repetitivepeakcollectorcurrent
tP = 1 ms
ICRM

150
 A
Gate-Emitter-Spitzenspannung
Gate-emitterpeakvoltage
VGES

+/-20
 V
CharakteristischeWerte/CharacteristicValues
min.
typ.
max.
Kollektor-Emitter-Sättigungsspannung
Collector-emittersaturationvoltage
IC = 75 A
VGE = 15 V
VCE sat
1,55
1,69
1,77
t.b.d.
V
V
V
Tvj = 25°C
Tvj = 125°C
Tvj = 175°C
Gate-Schwellenspannung
Gatethresholdvoltage
IC = 1,70 mA, VCE = VGE, Tvj = 25°C
VGEth
5,15
5,80
6,45
V
Gateladung
Gatecharge
VGE = -15 / 15 V, VCE = 600 V
QG
1,25
µC
InternerGatewiderstand
Internalgateresistor
Tvj = 25°C
RGint
2,0
Ω
Eingangskapazität
Inputcapacitance
f = 100 kHz, Tvj = 25°C, VCE = 25 V, VGE = 0 V
Cies
15,1
nF
Rückwirkungskapazität
Reversetransfercapacitance
f = 100 kHz, Tvj = 25°C, VCE = 25 V, VGE = 0 V
Cres
0,053
nF
Kollektor-Emitter-Reststrom
Collector-emittercut-offcurrent
VCE = 1200 V, VGE = 0 V
ICES
0,013 mA
Tvj = 25°C
Gate-Emitter-Reststrom
Gate-emitterleakagecurrent
VCE = 0 V, VGE = 20 V, Tvj = 25°C
IGES
100
nA
Einschaltverzögerungszeit,induktiveLast
Turn-ondelaytime,inductiveload
IC = 75 A, VCE = 600 V
VGE = -15 / 15 V
RGon = 2,2
Ω
td on
0,13
0,15
0,158
µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 175°C
Anstiegszeit,induktiveLast
Risetime,inductiveload
IC = 75 A, VCE = 600 V
VGE = -15 / 15 V
RGon = 2,2
Ω
tr
0,03
0,038
0,04
µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 175°C
Abschaltverzögerungszeit,induktiveLast
Turn-offdelaytime,inductiveload
IC = 75 A, VCE = 600 V
VGE = -15 / 15 V
RGoff = 2,2
Ω
td off
0,27
0,35
0,39
µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 175°C
Fallzeit,induktiveLast
Falltime,inductiveload
IC = 75 A, VCE = 600 V
VGE = -15 / 15 V
RGoff = 2,2
Ω
tf
0,12
0,21
0,27
µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 175°C
EinschaltverlustenergieproPuls
Turn-onenergylossperpulse
IC = 75 A, VCE = 600 V, L
σ = 35 nH
di/dt = 1700 A/µs (Tvj = 175°C)
VGE = -15 / 15 V, RGon = 2,2
Ω
Eon
4,92
7,49
8,99
mJ
mJ
mJ
Tvj = 25°C
Tvj = 125°C
Tvj = 175°C
AbschaltverlustenergieproPuls
Turn-offenergylossperpulse
IC = 75 A, VCE = 600 V, L
σ = 35 nH
du/dt = 3000 V/µs (Tvj = 175°C)
VGE = -15 / 15 V, RGoff = 2,2
Ω
Eoff
5,47
8,27
9,67
mJ
mJ
mJ
Tvj = 25°C
Tvj = 125°C
Tvj = 175°C
Kurzschlußverhalten
SCdata
VGE
≤ 15 V, VCC = 800 V
VCEmax = VCES -LsCE ·di/dt
ISC
260
240
A
A
Tvj = 150°C
Tvj = 175°C
tP
≤ 8 µs,
tP
≤ 7 µs,
Wärmewiderstand,ChipbisKühlkörper
Thermalresistance,junctiontoheatsink
proIGBT/perIGBT
RthJH
0,803
K/W
TemperaturimSchaltbetrieb
Temperatureunderswitchingconditions
Tvj op
-40
175
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com