Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4366 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX4366
Description  330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4366 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4366 Datasheet HTML 8Page - Maxim Integrated Products MAX4366 Datasheet HTML 9Page - Maxim Integrated Products MAX4366 Datasheet HTML 10Page - Maxim Integrated Products MAX4366 Datasheet HTML 11Page - Maxim Integrated Products MAX4366 Datasheet HTML 12Page - Maxim Integrated Products MAX4366 Datasheet HTML 13Page - Maxim Integrated Products MAX4366 Datasheet HTML 14Page - Maxim Integrated Products MAX4366 Datasheet HTML 15Page - Maxim Integrated Products MAX4366 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Wireless-Phone Headset Application
Many wireless telephones feature an earbud speaker/in-
line microphone combination for hands-free use. One
common solution is to use a BTL amplifier that drives the
internal speaker and an earplug jack that mutes the inter-
nal speaker by physically disconnecting OUT- when a
headset is plugged in (Figure 7). The headset is driven
single-endedly, requiring an output-coupling capacitor,
COUT, and resulting in a 4x reduction in output power.
Adding Volume Control
The addition of a digital potentiometer provides simple
volume control. Figure 8 shows the MAX4367/MAX4368
with the MAX5160 digital potentiometer used as an
input attenuator. Connect the high terminal of the
MAX5160 to the audio input, the low terminal to ground
and the wiper to CIN. Setting the wiper to the top posi-
tion passes the audio signal unattenuated. Setting the
wiper to the lowest position fully attenuates the input.
Use the 100k
Ω version of the MAX5160.
Layout Considerations
Good layout improves performance by decreasing the
amount of stray capacitance and noise at the amplifi-
er’s inputs and outputs. Decrease stray capacitance by
minimizing PC board trace lengths, using surface-
mount components and placing external components
as close to the device as possible.
UCSP Considerations
For general UCSP information and PC layout considera-
tions, please refer to the Maxim Application Note:
UCSP–A
Wafer-Level Chip-Scale Package.
330mW, Ultra-Small, Audio Power Amplifiers
with Shutdown
______________________________________________________________________________________
13
OUT+
HEADPHONE JACK
OUT-
8
5
C
OUT
MAX4366
MAX4367
MAX4368
Figure 6. MAX4367 Headphone Application Circuit
EARBUD SPEAKER
JACK
INTERNAL
LOUDSPEAKER
COUT
OUT+
OUT-
MAX4366
MAX4367
MAX4368
Figure 7. Headset with Internal Speaker Application Circuit
OUT+
AUDIO
INPUT
OUT-
IN-
3H
W5
4
5
8
C
IN
6L
MAX4367
MAX4368
MAX5160
Figure 8. MAX4367/MAX5160 Volume Control Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com