Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4366 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4366
Description  330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4366 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4366 Datasheet HTML 1Page - Maxim Integrated Products MAX4366 Datasheet HTML 2Page - Maxim Integrated Products MAX4366 Datasheet HTML 3Page - Maxim Integrated Products MAX4366 Datasheet HTML 4Page - Maxim Integrated Products MAX4366 Datasheet HTML 5Page - Maxim Integrated Products MAX4366 Datasheet HTML 6Page - Maxim Integrated Products MAX4366 Datasheet HTML 7Page - Maxim Integrated Products MAX4366 Datasheet HTML 8Page - Maxim Integrated Products MAX4366 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
330mW, Ultra-Small, Audio Power Amplifiers
with Shutdown
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 5V, RL =
∞, RIN = RF = 30kΩ, CBIAS = 1µF to GND, SHDN = GND, IN+ = BIAS, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.) (Note 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +6V
IN+, IN-, BIAS, SHDN to GND....................-0.3V to (VCC + 0.3V)
Output Short Circuit to VCC or GND (Note 1).............Continuous
Output Short Circuit (OUT+ to OUT-) (Note 1)...........Continuous
Continuous Power Dissipation (TA = +70°C)
8-Bump UCSP (derate 4.7mW/°C above +70°C)..........379mW
8-Pin TDFN (derate 24.4mW°C above +70°C) ...........1951mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Bump Temperature (soldering) (Note 2)
Infrared (15s) ................................................................+220°C
Vapor Phase (60s) ........................................................+215°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VCC
Inferred from PSRR test
2.3
5.5
V
Supply Current
ICC
(Note 4)
2
4.3
mA
Shutdown Supply Current
ISHDN
SHDN = VCC
35
100
µA
VIH
1.8
SHDN Threshold
VIL
0.8
V
SHDN Input Bias Current
-400
nA
Common-Mode Bias Voltage
VBIAS
(Note 5)
VCC/2
- 5%
VCC/2
VCC/2
+ 5%
V
MAX4366, RIN =
∞±5
±15
MAX4367, IN- = open
±5
±15
Output Offset Voltage
VOS
MAX4368, IN- = open
±5
±7.5
±15
mV
MAX4366 (open loop)
100
dB
MAX4367 (internally set)
2
Differential Voltage Gain
AV
(Note 6)
MAX4368 (internally set)
3
V/V
Input Common-Mode Range
VCM
0.3
VCC -
1.0
V
Differential Input Resistance
RIN(DIFF)
MAX4366, VIN+ - VIN- = 10mV
500
k
Ω
Input Resistance
VIN- = 0V to VCC (MAX4367/MAX4368)
20
k
Ω
TA = +25°C
70
80
Power-Supply Rejection Ratio
PSRR
VCC = 2.3V to
5.5V
TA = TMIN to TMAX
66
dB
Common-Mode Rejection Ratio
CMRR
0V
≤ VCM ≤ VCC - 1.0V (MAX4366)
80
dB
2.7V
≤ VCC ≤ 5.5V,
0.6V
≤ VOUT ≤ VCC - 0.6V
±87
±125
Output Source/Sink Current
IOUT
(Note 7)
2.3V
≤ VCC ≤ 2.7V,
0.6V
≤ VOUT ≤ VCC - 0.6V
±115
mA
RL = 16
Ω
60
200
Output Power
PO
f = 1kHz,
THD+N <1%
(Note 8)
RL = 32
Ω
120
330
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com