Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4366 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4366
Description  330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4366 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4366 Datasheet HTML 1Page - Maxim Integrated Products MAX4366 Datasheet HTML 2Page - Maxim Integrated Products MAX4366 Datasheet HTML 3Page - Maxim Integrated Products MAX4366 Datasheet HTML 4Page - Maxim Integrated Products MAX4366 Datasheet HTML 5Page - Maxim Integrated Products MAX4366 Datasheet HTML 6Page - Maxim Integrated Products MAX4366 Datasheet HTML 7Page - Maxim Integrated Products MAX4366 Datasheet HTML 8Page - Maxim Integrated Products MAX4366 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX4366/MAX4367/MAX4368 are bridged audio
power amplifiers intended for devices with internal
speakers and headsets. The MAX4366/MAX4367/
MAX4368 are capable of delivering 330mW of continu-
ous power into a 32
Ω load, or 200mW into a 16Ω load
with 1% THD+N from a single 5V supply.
The MAX4366/MAX4367/MAX4368 bridged outputs elimi-
nate the need for output-coupling capacitors minimizing
external component count. The MAX4366/MAX4367/
MAX4368 also feature a low-power shutdown mode,
clickless power-up/power-down and internal DC bias
generation. The MAX4366 is a unity-gain stable, program-
mable gain amplifier. The MAX4367/MAX4368 feature
internally preset gains of 2V/V and 3V/V, respectively.
All devices are available in space-saving 8-pin TDFN
and 8-bump UCSP™ chip-scale packages.
Applications
Cellular Phones
Two-Way Radios
PDAs
Headphones
Headsets
General-Purpose Audio
Features
♦ Drives 330mW into 32Ω (200mW into 16Ω)
♦ 0.02% THD+N at 1kHz (120mW into 32Ω)
♦ Internal Bridged Configuration
♦ No Output-Coupling Capacitors
♦ 2.3V to 5.5V Single-Supply Operation
♦ 2mA Supply Current
♦ Low-Power Shutdown Mode
♦ Clickless Power-Up and Shutdown
♦ Thermal Overload Protection
♦ Available in TDFN and UCSP Packages
330mW, Ultra-Small, Audio Power Amplifiers
with Shutdown
________________________________________________________________
Maxim Integrated Products
1
12
B
A
C
UCSP
TOP VIEW
(BUMP SIDE
DOWN)
3
BIAS
OUT-
SHDN
IN-
OUT+
IN+
GND
VCC
MAX4366
MAX4367
MAX4368
Pin Configurations
Ordering Information
VCC
VCC
OUT-
IN-
IN+
BIAS
AUDIO
INPUT
CLICKLESS/POPLESS
SHUTDOWNCONTROL
GND
SHDN
OUT+
MAX4367
MAX4368
Typical Operating Circuit
19-2338; Rev 5; 6/08
*
EP = Exposed pad.
+
Denotes a lead-free package.
Ordering Information continued at end of data sheet.
Selector Guide and Functional Diagrams appear at end of
data sheet.
Pin Configurations continued at end of data sheet.
UCSP is a trademark of Maxim Integrated Products, Inc.
PART
TEMP RANGE
PIN/BUMP-
PACKAGE
TOP
MARK
MAX4366EBL-T -40°C to +85°C
8 UCSP
AAK
MAX4366ETA+T -40°C to +85°C
8 TDFN-EP*
+AFZ
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim's website at www.maxim-ic.com.


Similar Part No. - MAX4366

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4366 MAXIM-MAX4366 Datasheet
494Kb / 18P
330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 2; 12/02
MAX4366EBL-T MAXIM-MAX4366EBL-T Datasheet
494Kb / 18P
330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 2; 12/02
MAX4366EKA-T MAXIM-MAX4366EKA-T Datasheet
494Kb / 18P
330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 2; 12/02
MAX4366ETA MAXIM-MAX4366ETA Datasheet
494Kb / 18P
330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 2; 12/02
MAX4366EUA MAXIM-MAX4366EUA Datasheet
494Kb / 18P
330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 2; 12/02
More results

Similar Description - MAX4366

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4364 MAXIM-MAX4364 Datasheet
682Kb / 15P
1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 1; 10/02
MAX4366 MAXIM-MAX4366 Datasheet
494Kb / 18P
330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 2; 12/02
logo
Holtek Semiconductor In...
HT82V735 HOLTEK-HT82V735 Datasheet
131Kb / 9P
330mW Stereo Audio Power Amp With Shutdown
February 18, 2004
logo
Maxim Integrated Produc...
MAX9710 MAXIM-MAX9710 Datasheet
606Kb / 15P
3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown
Rev 0; 4/03
logo
Holtek Semiconductor In...
HT82V739 HOLTEK-HT82V739 Datasheet
92Kb / 8P
1200mW Audio Power Amp with Shutdown
March 13, 2007
HT82V739 HOLTEK-HT82V739_08 Datasheet
144Kb / 10P
1200mW Audio Power Amp with Shutdown
January 17, 2008
logo
Maxim Integrated Produc...
MAX9710 MAXIM-MAX9710_08 Datasheet
303Kb / 13P
3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown
19-2841; Rev 1; 6/08
MAX4364 MAXIM-MAX4364_11 Datasheet
415Kb / 14P
1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 4; 5/11
logo
Micro Commercial Compon...
BCW68G MCC-BCW68G_13 Datasheet
227Kb / 3P
PNP Small Signal Transistor 330mW
logo
Maxim Integrated Produc...
MAX4364 MAXIM-MAX4364_V01 Datasheet
2Mb / 14P
1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
19-2387; Rev 7; 11/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com