Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLP12840OPTMCU Datasheet(PDF) 24 Page - Zilog, Inc.

Part # ZLP12840OPTMCU
Description  Crimzon-TM Infrared Microcontrollers ZLP12840 OTP MCU with Learning Amplification
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP12840OPTMCU Datasheet(HTML) 24 Page - Zilog, Inc.

Back Button ZLP12840OPTMCU Datasheet HTML 20Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 21Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 22Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 23Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 24Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 25Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 26Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 27Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 28Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
PS024406-0106
P R E L I M I N A R Y
Port 2
ZLP12840 OTP MCU
Product Specification
13
Port 2
Port 2 is an 8-bit, bidirectional, CMOS-compatible I/O port. Its eight I/O lines can be inde-
pendently configured under software control as inputs or outputs. Port 2 is always avail-
able for I/O operation. An EPROM option bit is available to connect eight pull-up
transistors on this port. Bits programmed as outputs are globally programmed as either
push/pull or open-drain. The Power-On Reset function resets with the eight bits of Port 2
[P27:20] configured as inputs.
Port 2 also has an 8-bit input OR and AND gate and edge detection circuitry, which can be
used to wake up the part. P20 can be programmed to access the edge-detection circuitry in
demodulation mode. See the configuration illustration in Figure 5.
Figure 4. Port 0 Configuration
ÆÔÐïîèìð
ÑÌÐ ÓÝË
ì
ì
ᮬ ð ø×ñÑ÷
×ñÑ
Ѱ»²óÜ®¿·²
Ñ«¬
ײ
п¼
λ-·-¬·ª» Ы´´ó˰
Ì®¿²-·-¬±®
øÑÌРѰ¬·±²÷
ÊÝÝ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com