Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLP12840OPTMCU Datasheet(PDF) 48 Page - Zilog, Inc.

Part # ZLP12840OPTMCU
Description  Crimzon-TM Infrared Microcontrollers ZLP12840 OTP MCU with Learning Amplification
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP12840OPTMCU Datasheet(HTML) 48 Page - Zilog, Inc.

Back Button ZLP12840OPTMCU Datasheet HTML 44Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 45Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 46Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 47Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 48Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 49Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 50Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 51Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 52Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
PS024406-0106
P R E L I M I N A R Y
Register Pointer Register
ZLP12840 OTP MCU
Product Specification
37
Register Pointer Register
The upper nibble of the register pointer (see Table 17) selects which working register
group, of 16 bytes in the register file, is accessed out of the possible 256. The lower nibble
selects the expanded register file bank and, in the case of the Crimzon™ ZLP12840 MCU
family, banks 0, 1, 2, 3, F, and D are implemented. A ð¸ in the lower nibble allows the
normal register file (Bank 0) to be addressed. Any other value from ðï¸ to ðÚ¸ exchanges
the lower 16 registers to an expanded register bank. See Table 17.
Table 17. Register Pointer Register (RP)
Bit
7
6
5
4
3
2
1
0
Field
Working Register Group Pointer
Register Bank Pointer
Reset
0
0
00
0
0
00
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Address
Bank Independent: FDh; Linear 0FDh
Bit
Position
Value Description
[7:4]
0h–Fh
Working Register Group Pointer
Determines which 16-byte working group is addressed.
[3:0]
0h–Fh
Register Bank Pointer
Determines which bank is active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com