Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLP12840OPTMCU Datasheet(PDF) 26 Page - Zilog, Inc.

Part # ZLP12840OPTMCU
Description  Crimzon-TM Infrared Microcontrollers ZLP12840 OTP MCU with Learning Amplification
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP12840OPTMCU Datasheet(HTML) 26 Page - Zilog, Inc.

Back Button ZLP12840OPTMCU Datasheet HTML 22Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 23Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 24Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 25Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 26Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 27Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 28Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 29Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 30Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 58 page
background image
PS024406-0106
P R E L I M I N A R Y
Port 3
ZLP12840 OTP MCU
Product Specification
15
P31 can be used as an interrupt, analog comparator input, infrared learning amplifier
input, normal digital input pin and as a stop-mode recovery source. When bit 2 of the Port
3 Mode Register (P3M) is set, P31 is used as the infrared learning amplifier, IR1. The ref-
erence source for IR1 is GND. The infrared learning amplifier is disabled during STOP
mode. When bit 1 of P3M is set, the part is in ANALOG mode and the analog comparator,
COMP1 is used. The reference voltage for COMP1 is P30 (PREF1). When in ANALOG
mode, P30 cannot be read as a digital input when the CPU reads bit 0 of the Port 3 Regis-
Figure 6. Port 3 Configuration
ᮬ í ø×ñÑ÷
ÆÔÐïîèìð
ÑÌÐ ÓÝË
Ðíð
Ðíï
Ðíî
Ðíí
Ðíì
Ðíë
Ðíê
Ðíé
ÐíÓ Î»¹·-¬»®ô ðÚé¸
Ú®±³ ͬ±°óÓ±¼»
λ½±ª»®§ ͱ«®½» ±º ÍÓÎ
ï ã ß²¿´±¹å ×Î ß³° Ѳ
ð ã Ü·¹·¬¿´å ×Î ß³° Ѻº
×ÎÏîô Ðíï Ü¿¬¿ Ô¿¬½¸
×ÎÏðô Ðíî Ü¿¬¿ Ô¿¬½¸
×ÎÏïô Ðíí Ü¿¬¿ Ô¿¬½¸
Ü·¹·¬¿´
Üï
Ðíï øßÒï÷
Ðíï
×
ÎÛÚ
Ðíð øÐÎÛÚï÷
ݱ³°ï
×Îï
Ô»¿®²·²¹ ß³°´·º·»®
ݱ³°î
P
õ
P
õ
P
õ
Üï
Üî



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com