Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8523016PSC Datasheet(PDF) 19 Page - Zilog, Inc.

Part # Z8523016PSC
Description  ENHANCED SERIAL COMMUNICATIONS CONTROLLER
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8523016PSC Datasheet(HTML) 19 Page - Zilog, Inc.

Back Button Z8523016PSC Datasheet HTML 15Page - Zilog, Inc. Z8523016PSC Datasheet HTML 16Page - Zilog, Inc. Z8523016PSC Datasheet HTML 17Page - Zilog, Inc. Z8523016PSC Datasheet HTML 18Page - Zilog, Inc. Z8523016PSC Datasheet HTML 19Page - Zilog, Inc. Z8523016PSC Datasheet HTML 20Page - Zilog, Inc. Z8523016PSC Datasheet HTML 21Page - Zilog, Inc. Z8523016PSC Datasheet HTML 22Page - Zilog, Inc. Z8523016PSC Datasheet HTML 23Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 120 page
background image
==
(QKDQFHG6HULDO &RPPXQLFDWLRQV&RQWUROOHU
36
)XQFWLRQDO 'HVFULSWLRQ

7KHUHDUHWKUHHPRGHVXVHGWR PRYH GDWD LQWR DQGRXW RI WKH(6&&
‡ 3ROOLQJ
‡ ,QWHUUXSW YHFWRUHGDQGQRQYHFWRUHG
‡ %ORFN7UDQVIHU
7KH%/2&. 75$16)(5 PRGHFDQEHLPSOHPHQWHG XQGHU &38 RU '0$ FRQWURO
3ROOLQJ
:KHQSROOLQJ GDWDLQWHUUXSWVDUH GLVDEOHG 7KUHHUHJLVWHUV LQWKH(6&& DUH DXWR
PDWLFDOO\ XSGDWHG ZKHQHYHU DQ\ IXQFWLRQ LV SHUIRUPHG )RU H[DPSOH HQGRIIUDPH
(2) LQ6'/& PRGHVHWV D ELW LQRQH RI WKHVH VWDWXVUHJLVWHUV 7KHSXUSRVH RI
SROOLQJ LVIRU WKH&38 WR SHULRGLFDOO\ UHDG D VWDWXV UHJLVWHUXQWLO WKH UHJLVWHU FRQ
WHQWVLQGLFDWHWKHQHHGWKDW GDWD UHTXLUHV WUDQVIHU 55 LVWKHRQO\ UHJLVWHU WKDW
7DEOH 
(6&& 5HDG 5HJLVWHUV
5HDG 5HJLVWHU
)XQFWLRQV
55
7UDQVPLW 5HFHLYH DQG ([WHUQDO 6WDWXV
55
6SHFLDO 5HFHLYH &RQGLWLRQ 6WDWXV %LWV
55$
8QPRGLILHG ,QWHUUXSW 9HFWRU
55%
0RGLILHG ,QWHUUXSW 9HFWRU
55$
,QWHUUXSW 3HQGLQJ %LWV
55
:5 0LUURU LI :5¶ ELW'HTXDOV
55
:5 0LUURULI :5¶ ELW' HTXDOV 
55
6'/& )UDPH /6% %\WH &RXQW LI :5 ELW ' HTXDOV 
55
6'/& )UDPH  ;  ),)2 6WDWXV DQG 06% %\WH &RXQW LI
:5 ELW'6 HTXDOV 
55
5HFHLYH 'DWD ),)2  %LWV 'HHS
55
:5 0LUURU,I :5¶ ELW' (TXDOV 
55
0LVFHOODQHRXV 6WDWXV %LWV
55
:5 0LUURULI:5¶ ELW '(TXDOV
55
/RZHU%\WH RI %5* 7LPH &RQVWDQW
55
8SSHU %\WH RI %5* 7LPH &RQVWDQW
55
:5 0LUURULI :5¶ ELW '(TXDOV
55
:5 0LUURULI :5¶ ELW' (TXDOV 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com