Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8523016PSC Datasheet(PDF) 34 Page - Zilog, Inc.

Part # Z8523016PSC
Description  ENHANCED SERIAL COMMUNICATIONS CONTROLLER
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8523016PSC Datasheet(HTML) 34 Page - Zilog, Inc.

Back Button Z8523016PSC Datasheet HTML 30Page - Zilog, Inc. Z8523016PSC Datasheet HTML 31Page - Zilog, Inc. Z8523016PSC Datasheet HTML 32Page - Zilog, Inc. Z8523016PSC Datasheet HTML 33Page - Zilog, Inc. Z8523016PSC Datasheet HTML 34Page - Zilog, Inc. Z8523016PSC Datasheet HTML 35Page - Zilog, Inc. Z8523016PSC Datasheet HTML 36Page - Zilog, Inc. Z8523016PSC Datasheet HTML 37Page - Zilog, Inc. Z8523016PSC Datasheet HTML 38Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 120 page
background image
==
(QKDQFHG6HULDO &RPPXQLFDWLRQV&RQWUROOHU
36
== (QKDQFHPHQWV

%LW  5HFHLYH ),)2 ,QWHUUXSW /HYHO
7KLV ELW VHWV WKH LQWHUUXSW OHYHO RI WKH UHFHLYH ),)2 ,I WKLV ELW LV VHW WR  WKH UHFHLYH
GDWD DYDLODEOH ELW LV DVVHUWHG ZKHQ WKH UHFHLYH ),)2 LV KDOI IXOO  E\WHV DYDLODEOH 
,IWKLVELW LV UHVHW WR  WKH5HFHLYH 'DWD $YDLODEOHLQWHUUXSW LV UHTXHVWHGZKHQ DOO
E\WHVDUH VHW )RU PRUH GHWDLOV VHH ³%\WH5HFHLYH ),)2´ RQSDJH 
%LW $XWRPDWLF576 3LQ 'HDVVHUWLRQ
7KLV ELW FRQWUROV WKH WLPLQJ RI WKH GHDVVHUWLRQ RI WKH 576 SLQ LQ 6'/& PRGH ,I WKLV
ELW LV DQG:5 ELW  LVVHW WR GXULQJ WKHWUDQVPLVVLRQ RI DQ 6'/& IUDPH WKH
GHDVVHUWLRQ RI WKH 576 SLQ LV GHOD\HG XQWLO WKH ODVW ELW RI WKH FORVLQJ IODJ FOHDUV WKH
7[' SLQ 7KH576 SLQ LVSXOOHG+LJK DIWHU WKH ULVLQJHGJHRIWKH WUDQVPLW FORFN
F\FOH IURPWKHODVW ELW RIWKH FORVLQJIODJ 7KLV DFWLRQ LPSOLHVWKDW WKH (6&& PXVW
EHSURJUDPPHGIRU )ODJRQ 8QGHUUXQ :5 ELW  LV  IRU WKH 576 SLQ WR GHDV
VHUW DW WKHHQG RI WKH IUDPH 7KLV IHDWXUH ZRUNV LQGHSHQGHQWO\ RI WKH SURJUDPPHG
7UDQVPLWWHU ,GOH VWDWH ,Q V\QFKURQRXVPRGHVRWKHU WKDQ6'/& WKH576 SLQ
LPPHGLDWHO\ IROORZV WKH VWDWH SURJUDPPHG LQWR :5 ELW  :KHQ :5¶ELW LV VHW
WR WKH576 IROORZV WKHVWDWH RI :5 ELW 
%LW $XWRPDWLF(20 5HVHW
,IWKLVELW LVWKH(6&&DXWRPDWLFDOO\ UHVHWV WKH7[ 8QGHUUXQ(20 ODWFKDQGSUH
VHWV WKH WUDQVPLW &5& JHQHUDWRU WR LWV SURJUDPPHG SUHVHW VWDWH SHU YDOXHV VHW LQ
:5 ELW  DQG:5 ELW   7KHUHIRUH LW LVQRW QHFHVVDU\ WRLVVXH WKH5HVHW 7[
8QGHUUXQ(20 /DWFKFRPPDQG ZKHQ WKLV IHDWXUHLV HQDEOHG
%LW $XWRPDWLF7[6'/&)ODJ
,IWKLVELW LV WKH(6&& DXWRPDWLFDOO\ WUDQVPLWV DQ6'/& IODJEHIRUHWUDQVPLWWLQJ
GDWD 7KLVDFWLRQ UHPRYHVWKH UHTXLUHPHQW WR UHVHW WKH0DUN,GOHELW :5 ELW 
EHIRUH ZULWLQJ GDWDWR WKH WUDQVPLWWHU
+LVWRULFDOO\WKH6&& ODWFKHGWKHGDWDEXVRQWKHIDOOLQJ HGJH RI :5 +RZHYHU DV
PDQ\ &38V GR QRW JXDUDQWHHWKDWWKHGDWDEXVLV YDOLGZKHQ WKH :5 SLQ JRHV
/RZ =L/2* PRGLILHGWKH GDWDEXV WLPLQJWRDOORZ D PD[LPXP GHOD\ RI Q6 IURP
WKH :5 VLJQDO JRLQJDFWLYH /RZ WR WKH ODWFKLQJRIWKHGDWDEXV
&5& 5HFHSWLRQ LQ 6'/& 0RGH
,Q 6'/&PRGH WKH HQWLUH &5& LV FORFNHGLQWRWKHUHFHLYH ),)2 7KH(6&&FRP
SOHWHV FORFNLQJ LQ WKH &5& WR DOORZ LW WR EH UHWUDQVPLWWHG RU PDQLSXODWHG VRIWZDUH
,Q WKH6&& ZKHQ WKHFORVLQJ IODJ LVUHFRJQL]HG WKH FRQWHQWVRIWKH UHFHLYH VKLIW
UHJLVWHU DUH LPPHGLDWHO\ WUDQVIHUUHGWR WKH UHFHLYH ),)2 UHVXOWLQJLQ WKH ORVV RI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com