Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8523016PSC Datasheet(PDF) 35 Page - Zilog, Inc.

Part # Z8523016PSC
Description  ENHANCED SERIAL COMMUNICATIONS CONTROLLER
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8523016PSC Datasheet(HTML) 35 Page - Zilog, Inc.

Back Button Z8523016PSC Datasheet HTML 31Page - Zilog, Inc. Z8523016PSC Datasheet HTML 32Page - Zilog, Inc. Z8523016PSC Datasheet HTML 33Page - Zilog, Inc. Z8523016PSC Datasheet HTML 34Page - Zilog, Inc. Z8523016PSC Datasheet HTML 35Page - Zilog, Inc. Z8523016PSC Datasheet HTML 36Page - Zilog, Inc. Z8523016PSC Datasheet HTML 37Page - Zilog, Inc. Z8523016PSC Datasheet HTML 38Page - Zilog, Inc. Z8523016PSC Datasheet HTML 39Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 120 page
background image
==
(QKDQFHG6HULDO &RPPXQLFDWLRQV&RQWUROOHU
36
== (QKDQFHPHQWV

WKH ODVWWZR ELWV RI WKH &5& ,Q WKH(6&&LW LVQRW QHFHVVDU\ WRSURJUDP WKLV IHD
WXUH :KHQ WKH FORVLQJ IODJ LV GHWHFWHG WKH ODVW WZR ELWV RI WKH &5& DUH WUDQVIHUUHG
LQWR WKH UHFHLYH ),)2 ,QDOORWKHUV\QFKURQRXVPRGHV WKH(6&&GRHVQRW FORFN
LQWKHODVW WZR &5& ELWV VDPHDVWKH6&& 
7[' )RUFHG +LJKLQ 6'/&ZLWK 15=,(QFRGLQJ :KHQ 0DUNLQJ ,GOH
:KHQWKH(6&& LVSURJUDPPHG IRU 6'/& PRGHZLWK15=, GDWD HQFRGLQJ DQG
0DUN ,GOH :5 ELW  LV  ELW  LV  ELW  LV   WKH 7[' SLQ LV DXWRPDWLFDOO\ IRUFHG
+LJKZKHQ WKHWUDQVPLWWHU HQWHUVWKH0DUN ,GOH VWDWH 7KHUH DUHVHYHUDO GLIIHUHQW
ZD\V IRU WKH WUDQVPLWWHU WR HQWHU WKH,GOHVWDWH ,QHDFKRIWKH IROORZLQJFDVHVWKH
7[' SLQ LVIRUFHG+LJK ZKHQWKH 0DUN ,GOH FRQGLWLRQ LVUHDFKHG
‡ 'DWD &5& IODJ DQG ,GOH
‡ 'DWD IODJ DQG,GOH
‡ 'DWD DERUW RQ XQGHUUXQ DQG ,GOH
‡ 'DWD DERUW FRPPDQG  DQG ,GOH
‡ ,GOH IODJ DQGFRPPDQGWR ,GOH0DUN
7KH)RUFH+LJKIHDWXUH LVGLVDEOHG ZKHQ WKH 0DUN,GOH ELW LVVHW WR 
7KLVIHDWXUH LVXVHGLQ FRPELQDWLRQ ZLWK WKH DXWRPDWLF6'/& RSHQLQJIODJWUDQV
PLVVLRQ IHDWXUH:5¶ ELW  LV  WRDVVXUH WKDW GDWDSDFNHWVDUHIRUPDWWHGFRU
UHFWO\ ,QWKLVFDVH WKH&38 LV QRW UHTXLUHG WRLVVXH DQ\ FRPPDQGV ,I :5¶ ELW 
LV  DV RQ WKH 6&& WKH 0DUN ,GOH ELW :5 ELW   LV VHW WR  WR HQDEOH IODJ WUDQV
PLVVLRQ EHIRUH DQ 6'/& SDFNHW WUDQVPLWV
,PSURYHG 7UDQVPLW ,QWHUUXSW +DQGOLQJ
7KH (6&& ODWFKHV WKH 7UDQVPLW %XIIHU (PSW\ 7%( LQWHUUXSW EHFDXVH WKH &5& LV
ORDGHGLQWRWKH 7UDQVPLW 6KLIW UHJLVWHU HYHQLIWKH7%(LQWHUUXSW GXHDW WKH ODVW
GDWDE\WH KDVQRW EHHQ UHVHW 7KH HQG RI D V\QFKURQRXVIUDPH LVJXDUDQWHHGWR
JHQHUDWH WZR 7%( LQWHUUXSWV HYHQ LID5HVHW 7UDQVPLW %XIIHU ,QWHUUXSW FRPPDQG
IRU WKH GDWDFUHDWHG LQWHUUXSW LV LVVXHG DIWHU WKH &5& LQWHUUXSW RFFXUV 7LPH $ LQ
)LJXUH   7ZR Reset TBE FRPPDQGVDUH UHTXLUHG 7KH 7[,3 ODWFKHVLIWKH (20
ODWFK UHVHWV EHIRUHWKH HQGRI WKH IUDPH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com