Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8601720ASC Datasheet(PDF) 13 Page - Zilog, Inc.

Part # Z8601720ASC
Description  PCMCIA Interface Solution
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8601720ASC Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button Z8601720ASC Datasheet HTML 9Page - Zilog, Inc. Z8601720ASC Datasheet HTML 10Page - Zilog, Inc. Z8601720ASC Datasheet HTML 11Page - Zilog, Inc. Z8601720ASC Datasheet HTML 12Page - Zilog, Inc. Z8601720ASC Datasheet HTML 13Page - Zilog, Inc. Z8601720ASC Datasheet HTML 14Page - Zilog, Inc. Z8601720ASC Datasheet HTML 15Page - Zilog, Inc. Z8601720ASC Datasheet HTML 16Page - Zilog, Inc. Z8601720ASC Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 138 page
background image
Z86017/Z16017 PCMCIA Interface Solution
Product Specification
List of Tables
PS012001-0901
xiii
Table 42.
EEPROM Valid flag Byte Register: Address 1Eh . . . . . . .61
Table 43.
EEPROM Address/Status CCR5 Back Door: Address 20h 61
Table 44.
EEPROM Data CCR6 Back Door: Address 21h . . . . . . . .62
Table 45.
EEPROM Command CCR7 Back Door: Address 22h . . . .62
Table 46.
Revision Control Register: Address 23h . . . . . . . . . . . . . . .63
Table 47.
Revision Number Register: Address 24h . . . . . . . . . . . . . .63
Table 48.
Bus Control 1 Register: Address 26h . . . . . . . . . . . . . . . . .64
Table 49.
IOIS16 Address Control Register: Address 27h . . . . . . . . .66
Table 50.
16-Bit_Control . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .67
Table 51.
8-Bit _CTRL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .67
Table 52.
Power Management Timer Count Value: Address 2Ah . . .68
Table 53.
Power Management control Register: Address 2Bh . . . . . .69
Table 54.
Interface Configuration Register 4: Address 2Ch . . . . . . . .70
Table 55.
Power Management Clock Select . . . . . . . . . . . . . . . . . . . .71
Table 56.
Configuration Index Compare Register 1: Address 2Dh . .72
Table 57.
Configuration Index Compare Register 2: Address 2Eh . .72
Table 58.
Bus Control Register: Address 2Fh . . . . . . . . . . . . . . . . . .74
Table 59.
Strobe Width and Access Delay . . . . . . . . . . . . . . . . . . . . .75
Table 60.
PCMICA Host Read and Write Address Examples, . . . . . .78
Configuration Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .79
Table 61.
PCMCIA Address xx0h to xx8h, Configuration Register De-
code . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .79
Table 62.
ZiLOG EEPROM Programming Extensions . . . . . . . . . . .80
Table 63.
PCMCIA Configuration Option Register
CCR0: Address 0Ah . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .80
Table 64.
PCMCIA Card Status Register CCR1: Address 0Bh . . . . .81
Table 65.
PCMCIA Pin Replacement Register CCR2: Address 0Ch .82
Table 66.
PCMCIA socket and Copy Register CCR3: Address 0Dh .83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com