Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8601720ASC Datasheet(PDF) 49 Page - Zilog, Inc.

Part # Z8601720ASC
Description  PCMCIA Interface Solution
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8601720ASC Datasheet(HTML) 49 Page - Zilog, Inc.

Back Button Z8601720ASC Datasheet HTML 45Page - Zilog, Inc. Z8601720ASC Datasheet HTML 46Page - Zilog, Inc. Z8601720ASC Datasheet HTML 47Page - Zilog, Inc. Z8601720ASC Datasheet HTML 48Page - Zilog, Inc. Z8601720ASC Datasheet HTML 49Page - Zilog, Inc. Z8601720ASC Datasheet HTML 50Page - Zilog, Inc. Z8601720ASC Datasheet HTML 51Page - Zilog, Inc. Z8601720ASC Datasheet HTML 52Page - Zilog, Inc. Z8601720ASC Datasheet HTML 53Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 138 page
background image
Z86017/Z16017 PCMCIA Interface Solution
Product Specification
Programming Internal Registers
PS012002-1201
35
28h
NA
ATA/IDE Dual Drive Control Rg
R/W
00h
Note3
29h
Reserved
R/W
00h
2Ah
NA
Power Management Timer Count Value
Rg
R/W
00h
Note3
2Bh
NA
Power Management Control Rg
R/W
00h
Note3
2Ch
NA
Interface Con•guration Rg 4
R/W
00h
Note3
2Dh
NA
Con•guration Index Compare Rg 1
R/W
00h
Note3
2Eh
NA
Con•guration Index Compare Rg 2
R/W
00h
Note3
2Fh
NA
Bus Control Rg 2
R/W
00h
Note3
30h–FFh
User-Definable Attribute Memory
R/W
XXh
Note6
Location 00h–CFh (208-byte)
NOTES:
1. When the ZX6017 is in Master Mode, the user should program this location in EEPROM with 00h.
2.
The PCMCIA base address for these registers could be set in the range of 000h–400h. At Power-On Reset
(POR), the base is set to 000h.
3. User must write the Revision Number (see ZX6017 top mark) to the Revision Control register to unlock these registers.
4. The Z86017 BA Revision Number is 10h (see device top mark).
5. These registers are only available on the Z16017.
6. When the ZX6017 is in Master Mode, data at EEPROM addresses 30h–FFh are written locations 00h–CFh of the on-board Attribute Memory.
In Slave Mode, Attribute Memory is programmed through registers 08h and 09h.
Table 10.
ZX6017 Card Configuration Registers (Continued)
EEPROM
Address
PCMCIA
Address
Register’s Name
Access
POR
Value
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com