Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8601720ASC Datasheet(PDF) 21 Page - Zilog, Inc.

Part # Z8601720ASC
Description  PCMCIA Interface Solution
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8601720ASC Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button Z8601720ASC Datasheet HTML 17Page - Zilog, Inc. Z8601720ASC Datasheet HTML 18Page - Zilog, Inc. Z8601720ASC Datasheet HTML 19Page - Zilog, Inc. Z8601720ASC Datasheet HTML 20Page - Zilog, Inc. Z8601720ASC Datasheet HTML 21Page - Zilog, Inc. Z8601720ASC Datasheet HTML 22Page - Zilog, Inc. Z8601720ASC Datasheet HTML 23Page - Zilog, Inc. Z8601720ASC Datasheet HTML 24Page - Zilog, Inc. Z8601720ASC Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 138 page
background image
Z86017/Z16017 PCMCIA Interface Solution
Product Specification
PCMCIA Interface Overview
PS012002-1201
7
Figure 3.
Serial Port Slave Mode Control
EEPROM Programming Through the PCMCIA
Interface
The ZX6017 can program the serial EEPROM through the PCMCIA
interface. EEPROM programming is accomplished by means of three
special registers that are accessed identically to the CCR registers as
defined by the PCMCIA specification (Figure 4). These registers are
fixed at addresses 7F0, 7F2, and 7F4. The host software reads and writes
each byte of the EEPROM through these registers and configures the
PC_DATA 15:0
PC_HA 10:0
PC_RDY/BSY/IREQ/HINT
PC_WAIT/IOCHRDY
PC_HCE1/HCS0
PC_HCE2/HCS1
PC_ATA/HOE
PC_HIOR
PC_HIOW
PC_HWE
PC_REG/DACK
PC_HRESET/HRESET
PC_BVD1//STSCHG//PDIAG
PC_WP//IOIS16//IOCS16
PC_BVD2//SPKR//DASP/DREQ
PC_INPACK/DREQ
PC_MCLK_IN
/POR
EE_CS
EE_SK
EE_DI
EE_MASTER
EE_DO
M_PINT
ATA_DATA 15:0
ATA_HCS0
ATA_HCS1
ATA_HA0
ATA_HA1
ATA_HA2
ATA_HIOR
ATA_HIOW
ATA_MRD
ATA_MWR
ATA_IOCHRDY
ATA_IREQ
ATA_IOCS16
ATA_RESET
ATA_DREQ/BVD1
ATA_PDASP/EXTP_WP
ATA_PDIAG/ATA_BHE/RING_IN
ATA_DACK/BVD2
EXTP_PWDN
EXTP_AUDIO
EXTP_STSCHG/RES2
Z86017
PCMCIA Bus
Local Peripheral Bus
General
Peripheral
Bus Interface
Chip Selects
Address Selects
Memory R/W
Strobes
CLK
PCMCIA
Host
Local µP
Attribute
Memory
Window 1
Start/Range
Decoder
Window 2
Start/Range
Decoder
Window 3
Start/Range
Decoder
EEPROM or
µP
Control
ATA/IDE
Window
Decoder
POR
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com