Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70224 Datasheet(PDF) 7 Page - Microchip Technology

Part # PD70224
Description  Front-End PD Interface Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70224 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PD70224 Datasheet HTML 3Page - Microchip Technology PD70224 Datasheet HTML 4Page - Microchip Technology PD70224 Datasheet HTML 5Page - Microchip Technology PD70224 Datasheet HTML 6Page - Microchip Technology PD70224 Datasheet HTML 7Page - Microchip Technology PD70224 Datasheet HTML 8Page - Microchip Technology PD70224 Datasheet HTML 9Page - Microchip Technology PD70224 Datasheet HTML 10Page - Microchip Technology PD70224 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
1.2.1
Peripheral Devices
The following is the list of PD70210/A/AL peripheral devices.
• Place 47 nF to 100 nF/100 V capacitor between the device's VPP and VPNI pins and close to the device.
• Place a 58 V TVS between device VPP and VPN_IN pins for protection against voltage transients. For complete
surge protection, see AN3410 Design for PD System Surge Immunity PD701xx and PD702xx Application Note.
• If 4-pair flags are used, place a 10 KΩ resistor on SUPP_S1 and SUPP_S2 lines between the diode bridge and
PD70210/A device.
• When WA_EN is used, place 100 nF to 1 μF/10 V capacitor between WA_EN and the VPN_IN pin, close to the
PD70210/A device.
• When it is not used, connect the WA_EN to the VPN_IN pin.
• Place 4.7 μF/25 V capacitor between Vaux pin and VPN_OUT.
1.2.2
Operation with an External DC Source
PD applications using PD70210A IC operates with an external power source (DC wall adapter). The two cases of
providing power with an external source is detailed in the following sections.
1.2.2.1
External Power Input Connected to Application Supply Rails
In this application, the external source is connected to the application’s low-voltage supply rails. The external source
voltage level depends on DC–DC output characteristics.
Figure 1-3. External Power Input to Supply Rails
100 nF
100 V
Primary DC (+)
Bootstrap Winding
Controller VCC
Primary DC (–)
Isolated Output
Isolated Output
Isolated DCDC
Application
PD70210A
VAUX
Vpp
WA_EN
AT_FLAG
VPNo
VPNo
Supp_S1
Rdet
Rcls
VPNI
VPNI
Supp_S2
Rref
HD_FLAG
4P_AT_FLG
4P_HD_FLG
SUPP_S1
SUPP_S2
(–) Input
(+) Input
Data– from
line XFMR
Data+ from
line XFMR
Spare+ from
line XFMR
Spare– from
line XFMR
10K
10K
SUPP_S1
SUPP_S2
100 nF
100 nF
1.2.2.2
External Power Input Connected to PD70210A Output
In this application, the external source is connected to the PD device's output connection for the application (VPP to
VPNOUT). The external source voltage level depends on the DC–DC input requirements.
Figure 1-4. External Power Input to PD70210A Output
100 nF
100 V
Primary DC (+)
Bootstrap Winding
Controller VCC
Primary DC (–)
Isolated Output
Isolated Output
Isolated DCDC
Application
PD70210A
VAUX
Vpp
WA_EN
AT_FLAG
VPNo
VPNo
Supp_S1
Rdet
Rcls
VPNI
VPNI
Supp_S2
Rref
HD_FLAG
4P_AT_FLG
4P_HD_FLG
SUPP_S1
SUPP_S2
–
SUPP_S2
IN1B
IN2B
OUTN
+
SUPP_S1
OUTP
IN1A
IN2A
–
SUPP_S2
IN1B
IN2B
OUTN
+
SUPP_S1
OUTP
IN1A
IN2A
Data– from
line XFMR
Data+ from
line XFMR
Spare+ from
line XFMR
Spare– from
line XFMR
R1
R4
R3
R2
(+) Input
(–) Input
D1
Q1
10 K
10 K
100 nF
100 nF
When an external adapter is connected, the PD70210A WA_EN pin is used for disabling the isolation switch and PSE
input power. The WA_EN pin resistors divider depends on the WA_EN threshold of the PD70210A.
PD70210/PD70210A/PD70210AL
Functional Descriptions
© 2020 Microchip Technology Inc.
Datasheet
DS00003695A-page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com