Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70224 Datasheet(PDF) 13 Page - Microchip Technology

Part # PD70224
Description  Front-End PD Interface Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70224 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PD70224 Datasheet HTML 9Page - Microchip Technology PD70224 Datasheet HTML 10Page - Microchip Technology PD70224 Datasheet HTML 11Page - Microchip Technology PD70224 Datasheet HTML 12Page - Microchip Technology PD70224 Datasheet HTML 13Page - Microchip Technology PD70224 Datasheet HTML 14Page - Microchip Technology PD70224 Datasheet HTML 15Page - Microchip Technology PD70224 Datasheet HTML 16Page - Microchip Technology PD70224 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
...........continued
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
VSUPP_HI
SUPP_Sx high
voltage
threshold
For SUPP_S1
and SUPP_S2
25
35
V
Table 2-8. Wall Adapter Enable Pin
Symbol
Parameter
Conditions
Minimum
Maximum
Unit
VIH
Input high logic
PD70210A,
PD70210AL only
2.4
V
VIL
Input low logic
PD70210A,
PD70210AL only
0.8
V
2.1
Absolute Maximum Ratings
Performance is not guaranteed over this entire range. These are maximum stress ratings only. Exceeding these
ratings cause immediate damage or negatively impact long-term operating reliability. Voltages are with respect to IC
ground (VPN_IN), unless otherwise specified.
Table 2-9. Absolute Maximum Ratings
Parameter
Minimum
Maximum
Units
VPP, RDET
–0.3
74
V
PGOOD, AT_FLAG, HD_FLAG,
4P_AT_FLAG, 4P_HD_FLAG referenced to
VPN_OUT
–0.3
20
V
SUPP_S1, SUPP_S2
0
VVPP + 1.5
V
RREF, RCLS, WA_EN
–0.3
5
V
Junction temperature
–40
150
°C
Lead soldering temperature (40 s, reflow)
260
°C
Storage temperature, MSL3
–65
150
°C
ESD rating
HBM (PD70210)
±1.5
kV
HBM (PD70210A/
PD70210AL)
±1.25
kV
MM
±100
V
CDM
±500
V
PD70210/PD70210A/PD70210AL
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003695A-page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com