Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70224 Datasheet(PDF) 1 Page - Microchip Technology

Part # PD70224
Description  Front-End PD Interface Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70224 Datasheet(HTML) 1 Page - Microchip Technology

  PD70224 Datasheet HTML 1Page - Microchip Technology PD70224 Datasheet HTML 2Page - Microchip Technology PD70224 Datasheet HTML 3Page - Microchip Technology PD70224 Datasheet HTML 4Page - Microchip Technology PD70224 Datasheet HTML 5Page - Microchip Technology PD70224 Datasheet HTML 6Page - Microchip Technology PD70224 Datasheet HTML 7Page - Microchip Technology PD70224 Datasheet HTML 8Page - Microchip Technology PD70224 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
PD70210/PD70210A/
PD70210AL
Front-End PD Interface Controller
Product Overview
The PD70210, PD70210A, and PD70210AL devices are advanced PD interface controllers (front-end IC) for powered
devices in PoE applications. They support IEEE® 802.3af, IEEE 802at, HDBaseT, and general 2-pair or 4-pair
configurations.
The PD70210, PD70210A, and PD70210AL devices have an advanced classification block that supports 2, 3, 4, and
6 event classification. These devices also identify the four pairs of cable that receives power and generates
appropriate flags by using the SUPP_Sx pins. The IC features an internal bleeder for rapidly discharging the input
capacitor of the DC–DC converter to ensure fast re-detection and port power-up on sudden removal and re-insertion
of the Ethernet cable into RJ45.
Features
The following are the features of PD70210, PD70210A, and PD70210AL devices.
• Supports IEEE 802.3af/at, HDBaseT, and other 2-pair or 4-pair configurations
• PD detection and programmable classification
• 2, 3, 4, and 6 event classification
• Integrated 0.3 Ω isolating (series-pass) FET
• In-rush current limiting
• Wall adapter priority support (PD70210A and PD70210AL only)
• Less than 5 μA offset current during detection
• DFN-16/QFN-38 package
• Power Good Flag (PD70210 only)
© 2020 Microchip Technology Inc.
Datasheet
DS00003695A-page 1


Similar Part No. - PD70224

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PD70224 MICROCHIP-PD70224 Datasheet
810Kb / 36P
PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
2020
PD70224 MICROCHIP-PD70224 Datasheet
1Mb / 25P
IdealBridge??Dual MOSFET-Based Bridge Rectifier
2020
PD70224 MICROCHIP-PD70224 Datasheet
636Kb / 24P
IEEE짰 802.3af/at PD Front End IC
2020
PD70224 MICROCHIP-PD70224 Datasheet
1Mb / 31P
PoE IEEE짰 802.3af/at PD Controller
2020
logo
Microsemi Corporation
PD70224 MICROSEMI-PD70224 Datasheet
7Mb / 22P
IdealBridge Dual MOSFET-based Bridge Rectifier
February 2018
More results

Similar Description - PD70224

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP392C ONSEMI-NCP392C Datasheet
170Kb / 10P
Adjustable Front End Overvoltage Protection Controller
September, 2015 ??Rev. 3
logo
Keysight Technologies
N8824B KEYSIGHT-N8824B Datasheet
3Mb / 9P
MIPI RF Front-End Control Interface
N8824A KEYSIGHT-N8824A Datasheet
3Mb / 9P
MIPI RF Front-End Control Interface
logo
Analog Devices
AD8450 AD-AD8450_17 Datasheet
1Mb / 42P
Precision Analog Front End and Controller
23-Feb-2017
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093_17 Datasheet
127Kb / 12P
PoE-PD Interface Controller
April, 2017 ??Rev. 4
logo
Mixed Signal Integratio...
MSRFIF MSI-MSRFIF Datasheet
53Kb / 4P
Radio Frequency Interface Front End
logo
Analog Devices
LT4293 AD-LT4293 Datasheet
694Kb / 16P
PD Interface Controller
logo
ON Semiconductor
NCP1095 ONSEMI-NCP1095 Datasheet
396Kb / 17P
PoE-PD Interface Controller, IEEE 802.3bt
June, 2019 ??Rev. 0
NCP1096 ONSEMI-NCP1096 Datasheet
444Kb / 17P
PoE-PD Interface Controller, IEEE 802.3bt
July, 2020 ??Rev. 2
logo
Microchip Technology
PD70100 MICROCHIP-PD70100 Datasheet
636Kb / 24P
IEEE짰 802.3af/at PD Front End IC
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com