Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F011ASH020SC Datasheet(PDF) 78 Page - Zilog, Inc.

Part # Z8F011ASH020SC
Description  Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F011ASH020SC Datasheet(HTML) 78 Page - Zilog, Inc.

Back Button Z8F011ASH020SC Datasheet HTML 74Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 75Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 76Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 77Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 78Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 79Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 80Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 81Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 82Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 276 page
background image
PS022815-0206
Interrupt Controller
Z8 Encore! XP® 4K Series
Product Specification
59
PA7VENL—Port A Bit[7] or LVD Interrupt Request Enable Low Bit
PA6CENL—Port A Bit[6] or Comparator Interrupt Request Enable Low Bit
PAxENL—Port A Bit[x] Interrupt Request Enable Low Bit
IRQ2 Enable High and Low Bit Registers
Table 43 describes the priority control for IRQ2. The IRQ2 Enable High and Low Bit reg-
isters (Tables 44 and 45) form a priority encoded enabling for interrupts in the Interrupt
Request 2 register.
Reserved—Must be 0.
C3ENH—Port C3 Interrupt Request Enable High Bit
C2ENH—Port C2 Interrupt Request Enable High Bit
Table 42. IRQ1 Enable Low Bit Register (IRQ1ENL)
BITS
7
6
5
4
3
2
1
0
FIELD
PA7VENL PA6CENL
PA5ENL
PA4ENL
PA3ENL
PA2ENL
PA1ENL
PA0ENL
RESET
0
000
00
00
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
FC5H
Table 43. IRQ2 Enable and Priority Encoding
IRQ2ENH[x]IRQ2ENL[x] Priority
Description
0
0
Disabled
Disabled
0
1
Level 1
Low
1
0
Level 2
Medium
1
1
Level 3
High
where x indicates the register bits from 0–7.
Table 44. IRQ2 Enable High Bit Register (IRQ2ENH)
BITS
7
6
5
4
3
2
1
0
FIELD
Reserved
C3ENH
C2ENH
C1ENH
C0ENH
RESET
0
000
00
00
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
FC7H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com