Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F011ASH020SC Datasheet(PDF) 39 Page - Zilog, Inc.

Part # Z8F011ASH020SC
Description  Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F011ASH020SC Datasheet(HTML) 39 Page - Zilog, Inc.

Back Button Z8F011ASH020SC Datasheet HTML 35Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 36Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 37Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 38Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 39Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 40Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 41Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 42Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 43Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 276 page
background image
PS022815-0206
Reset, STOP Mode Recovery and Low Voltage Detection
Z8 Encore! XP® 4K Series
Product Specification
20
Reset, STOP Mode Recovery and Low
Voltage Detection
Overview
The Reset Controller within the Z8 Encore! XP® 4K Series controls Reset and STOP
Mode Recovery operation and provides indication of low supply voltage conditions. In
typical operation, the following events cause a Reset:
• Power-on reset (POR)
• Voltage brown-out (VBO)
• Watch-Dog Timer time-out (when configured by the WDT_RES Flash Option Bit to
initiate a reset)
• External RESET pin assertion (when the alternate RESET function is enabled by the
GPIO register)
• On-chip debugger initiated Reset (OCDCTL[0] set to 1)
When the device is in STOP mode, a STOP Mode Recovery is initiated by either of the
following:
• Watch-Dog Timer time-out
• GPIO Port input pin transition on an enabled STOP Mode Recovery source
The low voltage detection circuitry on the device (available on the 8-pin product versions
only) performs the following functions:
• Generates the VBO reset when the supply voltage drops below a minimum safe level
• Generates an interrupt when the supply voltage drops below a user-defined level (8-pin de-
vice only)
Reset Types
The Z8 Encore! XP® 4K Series provides several different types of Reset operation. STOP
Mode Recovery is considered a form of Reset. Table 9 lists the types of Reset and their
operating characteristics. The System Reset is longer if the external crystal oscillator is
enabled by the Flash option bits, allowing additional time for oscillator start-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com